Electronic Components Datasheet Search
  English  ▼

X  

MAX1455C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1455C/D
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1455C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1455C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 10Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 11Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
• Power is applied to the device.
• The power-on reset (POR) functions have been com-
pleted.
• Registers CONFIG, OTCDAC, and FSOTCDAC are
refreshed from EEPROM.
• Registers ODAC and FSODAC are refreshed from the
temperature indexed EEPROM locations.
Normal Operation, Continuous Refresh:
• The MAX1455 has been calibrated, the Secure-Lock byte
has been set (CL[7:0] = FFhex), and UNLOCK is low.
• Power is applied to the device.
• The POR functions have been completed.
• The temperature index timer reaches a 1ms time
period.
• Registers CONFIG, OTCDAC, and FSOTCDAC are
refreshed from EEPROM.
• Registers ODAC and FSODAC are refreshed from the
temperature indexed EEPROM locations.
Figure 2. Basic Ratiometric Output Configuration
Figure 3. Basic Nonratiometric Output Configuration
MAX1455
+5V VDD
OUT
GND
0.1µF 0.1µF
INM
VSS
INP
7
11
2
6
BDR
VDD2
OUT
4
3
5
SENSOR
VDD1
MAX1455
VPWR
+5.5V TO +28V
OUT
GND
0.47µF 0.1µF
0.1µF
0.1µF
INP
VSS
INM
7
11
2
6
BDR
VDD2
OUT
4
5
3
SENSOR
MAX1615
OUT
GND
1
2
IN
3
1kΩ
VDD1
5/3
SHDN
4
5
MAX1455
Low-Cost Precision Sensor Signal Conditioner
www.maximintegrated.com
Maxim Integrated │ 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com