Electronic Components Datasheet Search
  English  ▼

X  

MAX1455C/D Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX1455C/D
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1455C/D Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX1455C/D Datasheet HTML 15Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 16Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 17Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 18Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 19Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 20Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 21Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 22Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Table 13. ALOC Definition
Figure 6. Automated Test System Concept
WEAK PULLUP
REQUIRED
1 1 1 1 1 0 1 0 0 1 0
1 0 1 1 1 1 1 1 1 1
X 1 1 1 1 1 1 1
X X
X X X X
X X X
1 X
X
1 0
2ATIM + 1 BYTE TIMES
DATA
OUT
VALID OUTPUT
HIGH-Z
1
X X X X
WEAK PULLUP
REQUIRED
HIGH-Z
RECEIVE
RECEIVE
HIGH-Z
DIO
TRANSMIT
HIGH-Z
TRANSMIT
HOST
ALOC[3:0]
ANALOG SIGNAL
DESCRIPTION
0000
OUT
PGA Output
0001
BDR
Bridge Drive
0010
ISRC
Bridge Drive Current Setting
0011
VDD
Internal Positive Supply
0100
VSS
Internal Ground
0101
CLIP-TOP
Clip Voltage High Value
0110
CLIP-BOTTOM
Clip Voltage Low Value
0111
FSODAC
Full-Scale Output DAC
1000
FSOTCDAC
Full-Scale Output TC DAC
1001
ODAC
Offset DAC
1010
OTCDAC
Offset TC DAC
1011
VREF
Bandgap Reference Voltage (nominally 1.25V)
1100
VPTATP
Internal Test Node
1101
VPTATM
Internal Test Node
1110
INP
Sensor’s Positive Input
1111
INM
Sensor’s Negative Input
MAX1455
Low-Cost Precision Sensor Signal Conditioner
www.maximintegrated.com
Maxim Integrated │ 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com