Electronic Components Datasheet Search
  English  ▼

X  

MAX1455C/D Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX1455C/D
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1455C/D Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX1455C/D Datasheet HTML 17Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 18Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 19Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 20Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 21Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 22Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 23Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 24Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Set Next Test Temperature:
• Calibrate offset and FSO using the ODAC and
FSODAC, respectively.
• Store calibration data in the test computer or
MAX1455 EEPROM user memory.
• Calculate the correction coefficients.
• Download correction coefficients to EEPROM.
• Perform a final test.
Sensor Calibration and
Compensation Example
The MAX1455 temperature compensation design cor-
rects both sensor and IC temperature errors. This enables
the MAX1455 to provide temperature compensation
approaching the inherent repeatability of the sensor. An
example of the MAX1455’s capabilities is shown in Figure
8. Table 16 lists the effects of compensation.
A MAX1455 and a repeatable piezoresistive sensor with
an initial offset of 16.4mV and a span of 55.8mV were
converted into a compensated transducer with an offset of
Figure 7. Comparison of an Uncalibrated Sensor and a Calibrated Transducer
Table 16. Effects of Compensation
TYPICAL UNCOMPENSATED INPUT (SENSOR)
TYPICAL COMPENSATED TRANSDUCER OUTPUT
Offset.....................................................................±100% FSO
FSO ..............................................................1mV/V to 40mV/V
Offset TC ...................................................................20% FSO
Offset TC Nonlinearity .................................................4% FSO
FSOTC .....................................................................-20% FSO
FSOTC Nonlinearity ....................................................5% FSO
Temperature Range........................................-40°C to +125°C
OUT.................................................Ratiometric to VDD at 5.0V
Offset at +25°C.................................................0.500V ±200µV
FSO at +25°C...................................................4.000V ±200µV
Offset Accuracy over Temp. Range ........... ±4mV (±0.1% FSO)
FSO Accuracy over Temp. Range ............. ±4mV (±0.1% FSO)
MAX1455
VOUT
VDD
MODULE 1
DATA
DATA
VSS
VSS
VDD
VDD
VSS
TEST OVEN
MAX1455
VOUT
MODULE 2
VOUT
DIGITAL
MULTIPLEXER
+5V
DIO[1:N]
DIO1
DIO2
DION
MAX1455
VOUT
MODULE N
DVM
MAX1455
Low-Cost Precision Sensor Signal Conditioner
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com