Electronic Components Datasheet Search
  English  ▼

X  

MAX1455C/D Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX1455C/D
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1455C/D Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX1455C/D Datasheet HTML 11Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 12Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 13Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 14Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 15Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 16Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 17Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 18Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
The MAX1455 internal clock controls timing functions,
including the signal path gain, DAC functions, and com-
munications. It is recommended that, while in digital
mode, the Configuration register CLK bits be assigned the
values contained in EEPROM (upper configuration byte).
The 3 CLK bits represent a two’s-complement number
with a nominal clock adjustment of 9% per bit. Table 12
shows the codes and adjustment available.
Any change to the CLK bit values contained in the
Configuration register must be followed by the MAX1455
baud rate learning sequence (reinitialize and initialize
commands). To maximize the robustness of the commu-
nication system during clock resetting only, change the
CLK bits by 1 LSB value at a time. The recommended set-
ting procedure for the Configuration register CLK bits is,
therefore, as follows. (Use a minimum baud rate of 9600
during the setting procedure to prevent potential overflow
of the MAX1455 baud rate counter with clock values near
maximum.)
The following example is based on a required CLK code
of 010 binary:
1) Read the CLK bits (3MSBs) from EEPROM location
161hex. CLK = 010 binary.
2) Set the CLK bits in the Configuration register to 001
binary.
3) Send the reinitialize command, followed by the initial-
ize (baud rate learning) command.
4) Set the CLK bits in the Configuration register to 010
binary.
5) Send the reinitialize command, followed by the initialize
(baud rate learning) command.
The frequency of the internal oscillator can be checked at
any time by reading the value of BITCLK[7:0]. This 8-bit
number represents the number of internal oscillator cycles
corresponding to 1 cycle (1 bit time) of the communica-
tions baud rate.
Table 8. Control Location (CL[15:0])
Table 9. IRSA Decoding
FIELD
NAME
DESCRIPTION
15:8
CL[15:8]
Reserved
7:0
CL[7:0]
Control Location. Secure-Lock is activated by setting this to FFhex, which disables DIO serial
communications and connects OUT to PGA output.
IRSA[3:0]
DESCRIPTION
0000
Write IRSD[3:0] to DHR[3:0] (Data Hold register)
0001
Write IRSD[3:0] to DHR[7:4] (Data Hold register)
0010
Write IRSD[3:0] to DHR[11:8] (Data Hold register)
0011
Write IRSD[3:0] to DHR[15:12] (Data Hold register)
0100
Reserved
0101
Reserved
0110
Write IRSD[3:0] to ICRA[3:0] or IEEA[3:0] (Internal Calibration register address or internal EEPROM
address nibble 0)
0111
Write IRSD[3:0] to IEEA[7:4] (internal EEPROM address, nibble 1)
1000
Write IRSD[3:0] to IRSP[3:0] or IEEA[9:8] (Interface register set pointer where IRSP[1:0] is IEEA[9:8])
1001
Write IRSD[3:0] to CRIL[3:0] (Command register to internal logic)
1010
Write IRSD[3:0] to ATIM[3:0] (analog timeout value on read)
1011
Write IRSD[3:0] to ALOC[3:0] (analog location)
1100 to 1110
Reserved
1111
Write IRSD[3:0] = 1111bin to relearn the baud rate
MAX1455
Low-Cost Precision Sensor Signal Conditioner
www.maximintegrated.com
Maxim Integrated │ 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com