Electronic Components Datasheet Search
  English  ▼

X  

MAX1455C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1455C/D
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1455C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1455C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 10Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 11Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 12Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Calibration Operation, Registers Updated by Serial
Communications:
• The MAX1455 has not had the Secure-Lock byte set
(CL[7:0] = 00hex) or UNLOCK is high.
• Power is applied to the device.
• The POR functions have been completed.
• The registers can then be loaded from the serial digital
interface by use of serial commands. See the section
on serial I/O and commands.
Internal EEPROM
The internal EEPROM is organized as a 768 by 8-bit
memory. It is divided into 12 pages, with 64 bytes
per page. Each page can be individually erased. The
memory structure is arranged as shown in Table 1. The
look-up tables for ODAC and FSODAC are also shown,
with the respective temperature index pointer. Note
that the ODAC table occupies a continuous segment,
from address 000hex to address 15Fhex, whereas the
FSODAC table is divided in two parts, from 200hex to
2FFhex, and from 1A0hex to 1FFhex. With the exception
of the general-purpose user bytes, all values are 16-bit-
wide words formed by two adjacent byte locations (high
byte and low byte).
The MAX1455 compensates for sensor offset, FSO, and
temperature errors by loading the internal calibration
registers with the compensation values. These compen-
sation values can be loaded to registers directly through
the serial digital interface during calibration or loaded
automatically from EEPROM at power-on. In this way, the
device can be tested and configured during calibration
and test and the appropriate compensation values stored
in internal EEPROM. The device autoloads the registers
from EEPROM and is ready for use without further con-
figuration after each power-up. The EEPROM is configured
as an 8-bit-wide array so each of the 16-bit registers is
stored as two 8-bit quantities. The Configuration register,
FSOTCDAC, and OTCDAC registers are loaded from
the preassigned locations in the EEPROM. Table 2 is the
EEPROM ODAC and FSODAC lookup table memory map.
The ODAC and FSODAC are loaded from the EEPROM
lookup tables using an index pointer that is a function of
temperature. An ADC converts the integrated temperature
sensor to an 8-bit value every 1ms. This digitized value is
then transferred into the temp-index register. Table 3 lists
the registers.
The typical transfer function for the temp-index is as fol-
lows:
temp-index = 0.69 x Temperature (°C) + 47.58
where temp-index is truncated to an 8-bit integer value.
Typical values for the temp-index register are given in
Table 4.
Note that the EEPROM is 1 byte wide and the registers
that are loaded from EEPROM are 16 bits wide. Thus,
each index value points to 2 bytes in the EEPROM.
Maxim programs all EEPROM locations to FFhex with
the exception of the oscillator frequency setting and
Secure-Lock byte. OSC[2:0] is in the Configuration
register (Table 5). These bits should be maintained at the
factory-preset values. Programming 00hex in the Secure-
Lock byte (CL[7:0] = 00hex) configures the DIO as an
asynchronous serial input for calibration and test purposes.
MAX1455 Digital Mode
A single-pin serial interface provided by the DIO accesses
the MAX1455’s control functions and memory. All com-
mand inputs to this pin flow into a set of 16 registers,
which form the interface register set (IRS). Additional lev-
els of command processing are provided by control logic,
which takes its inputs from the IRS. A bidirectional 16-bit
latch buffers data to and from the 16-bit Calibration regis-
ters and internal (8-bit-wide) EEPROM locations. Figure
5 shows the relationship between the various serial com-
mands and the MAX1455 internal architecture.
Communication Protocol
The DIO serial interface is used for asynchronous serial
data communications between the MAX1455 and a host
calibration test system or computer. The MAX1455 auto-
matically detects the baud rate of the host computer when
the host transmits the initialization sequence. Baud rates
between 4800 and 38400 can be detected and used. The
data format is always 1 start bit, 8 data bits, and 1 stop
bit. The 8 data bits are transmitted LSB first, MSB last. A
weak pullup resistor can be used to maintain logic 1 on
the DIO pin while the MAX1455 is in digital mode. This
is to prevent unintended 1 to 0 transitions on this pin,
which would be interpreted as a communication start bit.
Communications are only allowed when the Secure-Lock
byte is disabled (i.e., CL[7:0] = 00HEX ) or UNLOCK is
held high. Table 8 is the control location.
Initialization Sequence
The first Command Byte sent to the MAX1455 after pow-
er-up, or following receipt of the reinitialization command,
is used by the MAX1455 to learn the communication baud
rate. The initialization sequence is a 1-byte transmiss of
01 hex, as follows:
1 1 1 1 1
1 1 1 1 1 1
0
0 0 0 0 0
0
0
1
MAX1455
Low-Cost Precision Sensor Signal Conditioner
www.maximintegrated.com
Maxim Integrated │ 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com