Electronic Components Datasheet Search
  English  ▼

X  

MAX1455C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1455C/D
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1455C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1455C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Detailed Description
The MAX1455 provides amplification, calibration, and tem-
perature compensation to enable an overall performance
approaching the inherent repeatability of the sensor. The
fully analog signal path introduces no quantization noise
in the output signal while enabling digitally controlled
trimming with the integrated 16-bit DACs. The MAX1455
includes four selectable high/low clipping limits set in dis-
crete 50mV steps from 0.1V/4.9V to 0.25V/4.75V. Offset
and span can be calibrated to within ±0.02% of span.
The MAX1455 architecture includes a programmable
sensor excitation, a 16-step PGA, a 768-byte (6144 bits)
internal EEPROM, four 16-bit DACs, an uncommitted op
amp, and an on-chip temperature sensor. The MAX1455
also provides a unique temperature compensation strat-
egy that was developed to provide a remarkable degree
of flexibility while minimizing testing costs.
The customer can select from 1 to 114 temperature
points to compensate their sensor. This allows the
latitude to compensate a sensor with a simple first-
order linear correction or match an unusual tempera-
ture curve. Programming up to 114 independent 16-bit
EEPROM locations corrects performance in 1.5°C tem-
perature increments over a range of -40°C to +125°C.
For sensors that exhibit a characteristic temperature
performance, a select number of calibration points can
be used with a number of preset values that define the
temperature curve. The sensor and the MAX1455 should
be at the same temperature during calibration and use.
This allows the electronics and sensor errors to be com-
pensated together and optimizes performance. For appli-
cations where the sensor and electronics are at different
temperatures, the MAX1455 can use the sensor bridge as
an input to correct for temperature errors.
The single pin, serial DIO communication architecture
and the ability to timeshare its activity with the sensor’s
output signal enables output sensing and calibration
programming on a single line by parallel connecting OUT
and DIO. The MAX1455 provides a Secure-Lock feature
that allows the customer to prevent modification of sen-
sor coefficients and the 52-byte user-definable EEPROM
data after the sensor has been calibrated. The Secure-
Lock feature also provides a hardware override to enable
factory rework and recalibration by assertion of logic high
on the UNLOCK pin.
PIN
NAME
FUNCTION
1, 15, 16
TEST1,
TEST3,
TEST2
Test Pins. Connect to VSS or leave unconnected.
2
OUT
Analog Output. Internal voltage nodes can be accessed in digital mode. OUT can be parallel
connected to DIO. Bypass OUT to ground with a 0.1µF capacitor to reduce output noise.
3
INP
Positive Input. Can be swapped to INM by the Configuration register.
4
BDR
Bridge Drive Output
5
INM
Negative Input. Can be swapped to INP by the Configuration register.
6
VSS
Negative Supply Voltage
7
VDD1
Positive Supply Voltage 1. Connect a 0.1µF capacitor from VDD to VSS.
8
AMP+
Auxiliary Op Amp Positive Input
9
AMPOUT
Auxiliary Op Amp Output
10
AMP-
Auxiliary Op Amp Negative Input
11
VDD2
Positive Supply Voltage 2. Connect a 0.47µF capacitor from VDD2 to VSS. Connect VDD2 to VDD1 or
for improved noise performance, connect a 1kΩ resistor to VDD1.
12
UNLOCK
Secure-Lock Disable. There is a 150µA pulldown to VSS. Connect to VDD to disable Secure-Lock
and enable serial communication.
13
DIO
Digital Input Output. Single-pin serial communication port. There are no internal pullups on DIO.
Connect pullup resistor from DIO to VDD when in digital mode.
14
TEST4
Test Pin. Do not connect.
MAX1455
Low-Cost Precision Sensor Signal Conditioner
www.maximintegrated.com
Maxim Integrated │ 5
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com