Electronic Components Datasheet Search
  English  ▼

X  

MAX1455C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1455C/D
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1455C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1455C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
(VDD = +5V, VSS = 0V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Load Current Sink
VOUT = +0.5V to +4.5V, TA = TMIN to TMAX,
Clip[1:0] = 00
2
mA
DC Output Impedance
1
Ω
Offset DAC Output Ratio
D
VOUT/DODAC
1.0
V/V
Offset TC DAC Output Ratio
D
VOUT/DOTCDAC
1.0
V/V
Step Response
0% to 63% of final value
300
µs
Output Capacitive Load
1000
nF
Output Noise
DC to 1kHz (gain = minimum, source
impedance = 5kΩ)
2.5
mVRMS
BRIDGE DRIVE
Bridge Current
IBDR
VBDR ≤ 3.75V
0.1
0.5
2
mA
Current Mirror Ratio
12
mA/mA
Minimum FSODAC Code
Recommended minimum value
4000
Hex
DIGITAL-TO-ANALOG CONVERTERS
DAC Resolution
16
Bits
ODAC Bit Weight
D
VOUT/DCODE, DAC reference = VDD =
+5.0V (Note 4)
153
µV/Bit
OTCDAC Bit Weight
D
VOUT/DCODE, DAC reference = VBDR =
2.5V (Note 4)
76
µV/Bit
FSODAC Bit Weight
D
VOUT/DCODE, DAC reference = VDD =
+5.0V (Note 4)
153
µV/Bit
FSOTCDAC Bit Weight
D
VOUT/DCODE, DAC reference = VBDR =
2.5V (Note 4)
76
µV/Bit
COARSE-OFFSET DAC
IRODAC Resolution
Excluding sign bit
3
Bits
IRODAC Bit Weight
D
VOUT/DCODE, input referred,
DAC reference = VDD = +5.0V (Note 4)
9
mV/Bit
INTERNAL RESISTORS
Current-Source Reference
RISRC
75
kΩ
Full-Span Output (FSO) Trim
Resistor
∆RSTC
75
kΩ
Resistor Temperature Coefficient
Applies to RISRC and DRSTC
1333
ppm/°C
Minimum Resistance Value
Applies to RISRC and DRSTC
60
kΩ
Maximum Resistance Value
Applies to RISRC and DRSTC
90
kΩ
Resistor Matching
RISRC to DRSTC
1
%
AUXILIARY OP AMP
Open-Loop Gain
90
dB
Input Common-Mode Range
VCM
VSS
VDD
V
Output Swing
No load, TA = TMIN to TMAX
VSS +
0.01
VDD -
0.01
V
MAX1455
Low-Cost Precision Sensor Signal Conditioner
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com