Electronic Components Datasheet Search
  English  ▼

X  

MAX1455C/D Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX1455C/D
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1455C/D Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX1455C/D Datasheet HTML 16Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 17Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 18Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 19Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 20Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 21Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 22Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 23Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Sensor Compensation Overview
Compensation requires an examination of the sensor per-
formance over the operating pressure and temperature
range. Use a minimum of two test pressures (e.g., zero
and full span) and two temperatures. More test pressures
and temperatures result in greater accuracy. A typical
compensation procedure can be summarized as follows:
Set Reference Temperature (e.g., 25°C):
• Initialize each transducer by loading its respective
register with default coefficients (e.g., based on mean
values of offset, FSO, and bridge resistance) to pre-
vent overload of the MAX1455.
• Set the initial bridge voltage (with the FSODAC) to
half of the supply voltage. Measure the bridge volt-
age using the BDR or OUT pins, or calculate based
on measurements.
• Calibrate the output offset and FSO of the transducer
using the ODAC and FSODAC, respectively.
• Store calibration data in the test computer or
MAX1455 EEPROM user memory.
Table 14. ATIM Definition
Table 15. IRCA Decode
ATIM[3:0]
DURATION OF ANALOG SIGNAL SPECIFIED IN BYTE TIMES (8-BIT TIME)
0000
20 + 1 = 2 byte times, i.e., (2 5 8) / baud rate
0001
21 + 1 = 3 byte times
0010
22 + 1 = 5 byte times
0011
23 + 1 = 9 byte times
0100
24 + 1 = 17 byte times
0101
25 + 1 = 33 byte times
0110
26 + 1 = 65 byte times
0111
27 + 1 = 129 byte times
1000
28 + 1 = 257 byte times
1001
29 + 1 = 513 byte times
1010
210 + 1 = 1025 byte times
1011
211 + 1 = 2049 byte times
1100
212 + 1 = 4097 byte times
1101
213 + 1 = 8193 byte times
1110
214 + 1 = 16,385 byte times
1111
In this mode, OUT is continuous; however, DIO accepts commands after 32,769 byte times. Do not parallel
connect DIO to OUT.
ICRA[3:0]
NAME
DESCRIPTION
0000
CONFIG
Configuration register
0001
ODAC
Offset DAC register
0010
OTCDAC
Offset temperature coefficient DAC register
0011
FSODAC
Full-scale output DAC register
0100
FSOTCDAC Full-scale output temperature coefficient DAC register
0101
Reserved. Do not write to this location (EEPROM test).
0110 to
1111
Reserved. Do not write to this location.
MAX1455
Low-Cost Precision Sensor Signal Conditioner
www.maximintegrated.com
Maxim Integrated │ 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com