Electronic Components Datasheet Search
  English  ▼

X  

MAX1455C/D Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX1455C/D
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1455C/D Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX1455C/D Datasheet HTML 14Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 15Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 16Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 17Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 18Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 19Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 20Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 21Page - Maxim Integrated Products MAX1455C/D Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Communication Command Examples
A selection of examples of the command sequences for
various functions within the MAX1455 follows.
Example 1. Change the baud rate setting and check com-
munications. If the communication with the MAX1455 is
lost due to a system baud rate change before sending the
reinitialization command, apply a power reset to guaran-
tee the initialization condition:
Example 2. Read the lookup table pointer (Temp-Index):
Example 3. Enable BDR measurement on OUT pin for
3.4s duration with 9600 baud rate:
Example 4. Write 8C40hex to the FSODAC register:
Example 5. Write 8C40hex to the FSODAC lookup
table location at Temp-Index 40. This example uses the
page erase command to clear the relevant section of the
EEPROM and assumes that none of the existing data in
that section is required to be kept:
COMMAND
ACTION
FFhex
Reinitialize part ready for baud rate learning.
Change system baud rate to new value.
01hex
Learn baud rate.
F8hex
Load 15 (Fhex) to IRSP[3:0] register.
59hex
Read IRS.
Host computer must be ready to receive data
on the serial line within 1 (baud rate) byte
time of sending the Read IRS command. The
MAX1455 returns CAhex. (IRSP values of
10 to 15 are configured to return CAhex for
communication checking purposes.)
COMMAND
ACTION
78hex
Load 7 to IRSP[3:0] register.
59hex
Read IRS.
Host ready to receive data within 1 byte
time of sending the Read IRS command.
The MAX1455 returns the current Temp-
Index pointer value.
COMMAND
ACTION
1Bhex
Load 1 (BDR measurement) to ALOC[3:0]
register.
CAhex
Load 12 to the ATIM[3:0] register: (212+1) 5
8/9600 = 3.4s.
69hex
RdAlg.
The DIO pin is three-stated and the OUT pin
is connected internally to the BDR pin for a
duration of approximately 3.4s.
COMMAND
ACTION
00hex
Load 0 hex to the DHR[3:0] register.
41hex
Load 4 hex to the DHR[7:4] register.
C2hex
Load C hex to the DHR[11:8] register.
83hex
Load 8 hex to the DHR[15:12] register.
36hex
Load 3 (FSODAC) to the ICRA[3:0] register.
09hex
Ld ICR.
8C40 hex is written to the FSODAC register.
COMMAND
ACTION
A6hex
Load Ahex (page number corresponding to
EEPROM locations 280hex and 281hex) to
the IEEA[3:0] register.
79hex
Page Erase command.
Wait 7.1ms before sending any further
commands.
06hex
Load 0hex to the IEEA[3:0] register.
87hex
Load 8hex to the IEEA[7:4] register.
28hex
Load 2hex to the IEEA[9:8] (IRSP[3:0])
register.
00hex
Load 0hex to the DHR[3:0] register.
41hex
Load 4hex to the DHR[7:4] register.
19hex
Write EEPROM. 40hex is loaded to
EEPROM address 280hex, which is the low
byte location corresponding to a Temp-Index
pointer value of 40.
16hex
Load 1 to the IEEA[3:0] register. IEEA[7:4]
and IEEA[9:8] already contain 8 and 2,
respectively.
C0hex
Load Chex to the DHR[3:0] register.
81hex
Load 8hex to the DHR[7:4] register.
19hex
Write EEPROM. 8Chex is loaded to
EEPROM address 281hex, which is the high
byte location corresponding to a Temp-Index
pointer value of 40.
MAX1455
Low-Cost Precision Sensor Signal Conditioner
www.maximintegrated.com
Maxim Integrated │ 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com