Electronic Components Datasheet Search
  English  ▼

X  

SH7044 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # SH7044
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7044 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button SH7044 Datasheet HTML 33Page - Renesas Technology Corp SH7044 Datasheet HTML 34Page - Renesas Technology Corp SH7044 Datasheet HTML 35Page - Renesas Technology Corp SH7044 Datasheet HTML 36Page - Renesas Technology Corp SH7044 Datasheet HTML 37Page - Renesas Technology Corp SH7044 Datasheet HTML 38Page - Renesas Technology Corp SH7044 Datasheet HTML 39Page - Renesas Technology Corp SH7044 Datasheet HTML 40Page - Renesas Technology Corp SH7044 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 923 page
background image
xv
25.3.9 High-speed A/D Converter Timing (excluding A mask) ..................................... 774
25.3.10 Mid-speed Converter Timing (A mask) ............................................................... 776
25.3.11 Measuring Conditions for AC Characteristics ..................................................... 778
25.4
A/D Converter Characteristics........................................................................................... 779
Section 26 Electrical Characteristics (3.3V, 16.7 MHz Version) .......................... 781
26.1
Absolute Maximum Ratings .............................................................................................. 781
26.2
DC Characteristics ............................................................................................................. 782
26.3
AC Characteristics ............................................................................................................. 784
26.3.1 Clock Timing ........................................................................................................ 784
26.3.2 Control Signal Timing .......................................................................................... 786
26.3.3 Bus Timing ........................................................................................................... 789
26.3.4 Direct Memory Access Controller Timing........................................................... 800
26.3.5 Multifunction Timer Pulse Unit Timing............................................................... 802
26.3.6 I/O Port Timing..................................................................................................... 803
26.3.7 Watchdog Timer Timing ...................................................................................... 804
26.3.8 Serial Communication Interface Timing .............................................................. 805
26.3.9 High-speed A/D Converter Timing (excluding A mask) ..................................... 806
26.3.10 Mid-speed Converter Timing (A mask) ............................................................... 808
26.3.11 Measurement Conditions for AC Characteristic................................................... 810
26.4
A/D Converter Characteristics........................................................................................... 811
Appendix A
On-Chip Supporting Module Registers................................................ 813
A.1
Addresses........................................................................................................................... 813
Appendix B
Block Diagrams........................................................................................... 826
Appendix C
Pin States ....................................................................................................... 865
Appendix D
Notes when Converting the F–ZTAT Application Software
to the Mask-ROM Versions..................................................................... 875
Appendix E
Product Code Lineup ................................................................................. 876
Appendix F
Package Dimensions .................................................................................. 878



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com