Electronic Components Datasheet Search
  English  ▼

X  

SH7044 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # SH7044
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7044 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button SH7044 Datasheet HTML 37Page - Renesas Technology Corp SH7044 Datasheet HTML 38Page - Renesas Technology Corp SH7044 Datasheet HTML 39Page - Renesas Technology Corp SH7044 Datasheet HTML 40Page - Renesas Technology Corp SH7044 Datasheet HTML 41Page - Renesas Technology Corp SH7044 Datasheet HTML 42Page - Renesas Technology Corp SH7044 Datasheet HTML 43Page - Renesas Technology Corp SH7044 Datasheet HTML 44Page - Renesas Technology Corp SH7044 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 923 page
background image
3
 Outputs chip-select signals for each area
 During DRAM space access:
• Outputs RAS and CAS signals for DRAM
• Can generate a RAS precharge time assurance Tp cycle
• DRAM burst access function
 Supports high-speed access mode for DRAM
• DRAM refresh function
 Programmable refresh interval
 Supports CAS-before-RAS refresh and self-refresh modes
• Wait cycles can be inserted using an external WAIT signal
• Address data multiplex I/O devices can be accessed
Direct Memory Access Controller (DMAC) (4 Channels):
• Supports cycle-steal transfers
• Supports dual address transfer mode
• Can be switched between direct and indirect transfer modes (channel 3 only)
 Direct transfer mode: transfers the data at the transfer source address to the transfer
destination address
 Indirect transfer mode: regards the data at the transfer source address as an address and
transfers the data at that address to the transfer destination address
Data Transfer Controller (DTC):
• Data transfer independent of the CPU possible through peripheral I/O interrupt requests
• Transfer mode can be set for each interrupt factor (transfer mode set in memory)
• Multiple data transfers possible for one activating factor
• Abundant transfer modes
 Normal mode/repeat mode/block transfer mode selectable
• Transfer unit can be set to byte/word/longword
• Interrupts activating the DTC requested of the CPU
 Interrupts can be generated to the CPU after completion of one data transfer
 Interrupts can be generated to the CPU after completing all designated data transfers
• Transfer can be activated by software
Multifunction Timer/Pulse Unit (MTU):
• Maximum 16 types of waveform output or maximum 16 types of pulse I/O processing possible
based on 16-bit timer, 5 channels
• 16 dual-use output compare/input capture registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com