Electronic Components Datasheet Search
  English  ▼

X  

SH7044 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # SH7044
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7044 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button SH7044 Datasheet HTML 16Page - Renesas Technology Corp SH7044 Datasheet HTML 17Page - Renesas Technology Corp SH7044 Datasheet HTML 18Page - Renesas Technology Corp SH7044 Datasheet HTML 19Page - Renesas Technology Corp SH7044 Datasheet HTML 20Page - Renesas Technology Corp SH7044 Datasheet HTML 21Page - Renesas Technology Corp SH7044 Datasheet HTML 22Page - Renesas Technology Corp SH7044 Datasheet HTML 23Page - Renesas Technology Corp SH7044 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 923 page
background image
Section
Page
Description
Appendix C Pin
States
Table C.2 Pin
Modes During Reset,
Power-Down, and
Bus Right Release
Modes (112 Pin,
120 Pin)
867
Table amended
Pin modes
Pin Function
Reset
Power-Down Bus Right
Standby in Bus
Class
Pin Name
Power-On Manual
Standby Sleep Release
Right Release
Clock
CK
O
O
H*
1
OO
O
System
RES
II
I
I
I
I
control
MRES
Z*
4
IZ
I
I
Z
WDTOVF
O*
3
O*
3
OO
O
O
BREQ
Z*
4
IZ
I
I
I
BACK
Z*
4
OZ
O
L
L
Interrupt NMI
I
I
I
I
I
I
IRQ0–IRQ7
Z*
4
IZ
I
I
Z
IRQOUT
Z*
4
OZ
H
O
Z
Address
bus
A0–A21
O*
2
OZ
O
Z
Z
Data bus D0–D31
Z*
4
I/O
Z
I/O
Z
Z
Bus
WAIT
Z*
4
IZ
I
Z
Z
control
RDWR,
RAS
Z*
4
OO
O
Z
Z
CASH, CASL
Z*
4
OO
O
Z
Z
RD
HO
Z
O
Z
Z
CS0, CS1
HO
Z
O
Z
Z
CS2, CS3
Z*
4
OZ
O
Z
Z
WRH, WRL
HO
Z
O
Z
Z
AH
Z*
4
OZ
O
Z
Z
DMAC
DACK0–DACK1
Z*
4
OZ
O
O
Z
DRAK0–DRAK1
Z*
4
OZ
O
O
Z
DREQ0–DREQ1
Z*
4
IZ
I
I
Z
MTU
TIOC0A–TIOC0D,
TIOC1A–TIOC1D,
TIOC2A–TIOC2D,
TIOC3A, TIOC3C
Z*
4
I/O
K*
1
I/O
I/O
K*
1
TIOC3B,TIOC3D,
TIOC4A–TIOC4D
Z*
4
I/O
Z
I/O
I/O
Z
TCLKA–TCLKD
Z*
4
IZ
I
I
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com