Electronic Components Datasheet Search
  English  ▼

X  

SH7044 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # SH7044
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7044 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button SH7044 Datasheet HTML 75Page - Renesas Technology Corp SH7044 Datasheet HTML 76Page - Renesas Technology Corp SH7044 Datasheet HTML 77Page - Renesas Technology Corp SH7044 Datasheet HTML 78Page - Renesas Technology Corp SH7044 Datasheet HTML 79Page - Renesas Technology Corp SH7044 Datasheet HTML 80Page - Renesas Technology Corp SH7044 Datasheet HTML 81Page - Renesas Technology Corp SH7044 Datasheet HTML 82Page - Renesas Technology Corp SH7044 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 923 page
background image
41
Table 1.7
Pin Functions (cont)
Classification
Symbol
I/O
Name
Function
I/O ports
POE0–
POE3
I
Port output
enable
Input pin for port pin drive control
when general use ports are
established as output.
PA0–
PA15
(QFP-112)
PA0–
PA23
(QFP-144)
I/O
General purpose
port
General purpose input/output port
pins.
Each bit can be designated for
input/output.
PB0–PB9
I/O
General purpose
port
General purpose input/output port
pins.
Each bit can be designated for
input/output.
PC0–
PC15
I/O
General purpose
port
General purpose input/output port
pins.
Each bit can be designated for
input/output.
PD0–
PD15
(QFP-112)
PD0–
PD31
(QFP-144)
I/O
General purpose
port
General purpose input/output port
pins.
Each bit can be designated for
input/output.
PE0–
PE15
I/O
General purpose
port
General purpose input/output port
pins.
Each bit can be designated for
input/output.
PF0–PF7
I
General purpose
port
General purpose input port pins.
Usage Notes
1. Unused input pins should be pulled up or pulled down.
2. The
WDTOVF pin should not be pulled down in the SH7044/SH7045 F-ZTAT version.
However, if it is necessary to pull this pin down, a resistance of 100 k
Ω or higher should be
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com