Electronic Components Datasheet Search
  English  ▼

X  

SH7044 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # SH7044
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7044 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button SH7044 Datasheet HTML 41Page - Renesas Technology Corp SH7044 Datasheet HTML 42Page - Renesas Technology Corp SH7044 Datasheet HTML 43Page - Renesas Technology Corp SH7044 Datasheet HTML 44Page - Renesas Technology Corp SH7044 Datasheet HTML 45Page - Renesas Technology Corp SH7044 Datasheet HTML 46Page - Renesas Technology Corp SH7044 Datasheet HTML 47Page - Renesas Technology Corp SH7044 Datasheet HTML 48Page - Renesas Technology Corp SH7044 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 923 page
background image
7
Type
Abbreviation
Mask
Version
On-chip
ROM
External
Bus Width
A/D
Accuracy
(5V Version) Package
Operating
Temp
Frequency Voltage Type Name
Notes on the SH7040 Series Specifications (For details, see each section in this manual)
A/DElectrical
INTC
DTC
DMAC
MTU
Converter
ROM
Characteristics
ZTAT
SH7042
128 kB
16 bits
±15LSB
(High-Speed)
QFP2020-112
–20°C to 75°C 28 MHz
16 MHz
5 V
3.3 V
HD6477042F28
HD6477042VF16
See “High-
Speed A/D
Converter”
See “128 kB
PROM”
See “Electrical
Characteristics”
SH7042A
A mask
128 kB
16 bits
±4LSB
(Mid-Speed)
QFP2020-112
TQFP1414-120
QFP2020-112Cu*
–20°C to 75°C 28 MHz
16 MHz
16 MHz
28 MHz
16 MHz
5 V
3.3 V
3.3 V
5 V
3.3 V
HD6477042AF28
HD6477042AVF16
HD6477042AVX16
HD6477042ACF28
HD6477042AVCF16
Change the interrupt
vectors related A/D
converter
Change the DTER
access methods
and DTC vectors
Change the setting
methods on transfer
requests
Change the Usage
Notes
See “Mid-
Speed A/D
Converter”
See “128 kB
PROM”
See “Electrical
Characteristics”
SH7043
128 kB
32 bits
±15LSB
(High-Speed)
QFP2020-144
–20°C to 75°C 28 MHz
16 MHz
5 V
3.3 V
HD6477043F28
HD6477043VF16
See “High-
Speed A/D
Converter”
See “128 kB
PROM”
See “Electrical
Characteristics”
SH7043A
A mask
128 kB
32 bits
±4LSB
(Mid-Speed)
QFP2020-144
QFP2020-144Cu*
–20°C to 75°C 28 MHz
16 MHz
28 MHz
16 MHz
5 V
3.3 V
5 V
3.3 V
HD6477043AF28
HD6477043AVF16
HD6477043ACF28
HD6477043AVCF16
Change the interrupt
vectors related A/D
converter
Change the DTER
access methods
and DTC vectors
Change the setting
methods on transfer
requests
Change the Usage
Notes
See “Mid-
Speed A/D
Converter”
See “128 kB
PROM”
See “Electrical
Characteristics”
FLASH
SH7044F
A mask
256 kB
16 bits
±4LSB
(Mid-Speed)
QFP2020-112
–20°C to 75°C 28 MHz
5 V
HD64F7044F28
Change the interrupt
vectors related A/D
converter
Change the DTER
access methods
and DTC vectors
Change the setting
methods on transfer
requests
Change the Usage
Notes
See “Mid-
Speed A/D
Converter”
See “256 kB Flash
Memory”
See “Electrical
Characteristics”
SH7045FA mask
256 kB
32 bits
±4LSB
(Mid-Speed)
QFP2020-144
–20°C to 75°C 28 MHz
5 V
HD64F7045F28
Change the interrupt
vectors related A/D
converter
Change the DTER
access methods
and DTC vectors
Change the setting
methods on transfer
requests
Change the Usage
Notes
See “Mid-
Speed A/D
Converter”
See “256 kB Flash
Memory”
See “Electrical
Characteristics”
MASK
SH7040A
A mask
64 kB
16 bits
±4LSB
(Mid-Speed)
QFP2020-112
TQFP1414-120
QFP2020-112Cu*
–20°C to 75°C 28 MHz
16 MHz
16 MHz
28 MHz
16 MHz
5 V
3.3 V
3.3 V
5 V
3.3 V
HD6437040AF28
HD6437040AVF16
HD6437040AVX16
HD6437040ACF28
HD6437040AVCF16
Change the interrupt
vectors related A/D
converter
Change the DTER
access methods
and DTC vectors
Change the setting
methods on transfer
requests
Change the Usage
Notes
See “Mid-
Speed A/D
Converter”
See “64 kB Mask
ROM”
See “Electrical
Characteristics”
SH7041A
A mask
64 kB
32 bits
±4LSB
(Mid-Speed)
QFP2020-144
QFP2020-144Cu*
–20°C to 75°C 28 MHz
16 MHz
28 MHz
16 MHz
5 V
3.3 V
5 V
3.3 V
HD6437041AF28
HD6437041AVF16
HD6437041ACF28
HD6437041AVCF16
Change the interrupt
vectors related A/D
converter
Change the DTER
access methods
and DTC vectors
Change the setting
methods on transfer
requests
Change the Usage
Notes
See “Mid-
Speed A/D
Converter”
See “64 kB Mask
ROM”
See “Electrical
Characteristics”
SH7042
128 kB
16 bits
±15LSB
(High-Speed)
QFP2020-112
–20°C to 75°C 28 MHz
16 MHz
5 V
3.3 V
HD6437042F28
HD6437042VF16
See “High-
Speed A/D
Converter”
See “128 kB Mask
ROM”
See “Electrical
Characteristics”
SH7042A
A mask
128 kB
16 bits
±4LSB
(Mid-Speed)
QFP2020-112
TQFP1414-120
QFP2020-112Cu*
–20°C to 75°C 28 MHz
16 MHz
16 MHz
28 MHz
16 MHz
5 V
3.3 V
3.3 V
5 V
3.3 V
HD6437042AF28
HD6437042AVF16
HD6437042AVX16
HD6437042ACF28
HD6437042AVCF16
Change the interrupt
vectors related A/D
converter
Change the DTER
access methods
and DTC vectors
Change the setting
methods on transfer
requests
Change the Usage
Notes
See “Mid-
Speed A/D
Converter”
See “128 kB Mask
ROM”
See “Electrical
Characteristics”
SH7043
128 kB
32 bits
±15LSB
(High-Speed)
QFP2020-144
–20°C to 75°C 28 MHz
16 MHz
5 V
3.3 V
HD6437043F28
HD6437043VF16
See “High-
Speed A/D
Converter”
See “128 kB Mask
ROM”
See “Electrical
Characteristics”
SH7043A
A mask
128 kB
32 bits
±4LSB
(Mid-Speed)
QFP2020-144
QFP2020-144Cu*
–20°C to 75°C 28 MHz
16 MHz
28 MHz
16 MHz
5 V
3.3 V
5 V
3.3 V
HD6437043AF28
HD6437043AVF16
HD6437043ACF28
HD6437043AVCF16
Change the interrupt
vectors related A/D
converter
Change the DTER
access methods
and DTC vectors
Change the setting
methods on transfer
requests
Change the Usage
Notes
See “Mid-
Speed A/D
Converter”
See “128 kB Mask
ROM”
See “Electrical
Characteristics”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com