Electronic Components Datasheet Search
  English  ▼

X  

SH7044 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # SH7044
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7044 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button SH7044 Datasheet HTML 18Page - Renesas Technology Corp SH7044 Datasheet HTML 19Page - Renesas Technology Corp SH7044 Datasheet HTML 20Page - Renesas Technology Corp SH7044 Datasheet HTML 21Page - Renesas Technology Corp SH7044 Datasheet HTML 22Page - Renesas Technology Corp SH7044 Datasheet HTML 23Page - Renesas Technology Corp SH7044 Datasheet HTML 24Page - Renesas Technology Corp SH7044 Datasheet HTML 25Page - Renesas Technology Corp SH7044 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 923 page
background image
Section
Page
Description
Appendix E Product
Code Lineup
Table E.1 SH7040,
SH7041, SH7042,
SH7043, SH7044,
and SH7045 Product
Lineup
876,
877
Table amended
Product
Type
SH7040A Mask ROM
verion
A MASK
HD6437040AF28
HD6437040AVF16
HD6437040AVX16
HD6437040ACF28
HD6437040AVCF16
HD6437040A (***)F28
HD6437040A(***)VF16
HD6437040A(***)VX16
HD6437040A(***)CF28
HD6437040A(***)VCF16
QFP2020-112
QFP2020-112
TQFP1414-120
QFP2020-112Cu*1
QFP2020-112Cu*1
HD6437040A***F
HD6437040A***F
HD6437040A***X
HD6437040A***CF
HD6437040A***CF
ROM less
verion
A MASK
HD6417040AF28
HD6417040AVF16
HD6417040AVX16
HD6417040ACF28
HD6417040AVCF16
HD6417040AF28
HD6417040AVF16
HD6417040AVX16
HD6417040ACF28
HD6417040AVCF16
QFP2020-112
QFP2020-112
TQFP1414-120
QFP2020-112Cu*1
QFP2020-112Cu*1
HD6417040AF28
HD6417040AVF16
HD6417040AVX16
HD6417040ACF28
HD6417040AVCF16
Mask
Version
Product Code
Mark Code
Package
Order Model No.*2
SH7041A Mask ROM
verion
A MASK
HD6437041AF28
HD6437041AVF16
HD6437041ACF28
HD6437041AVCF16
HD6437041A(***)F28
HD6437041A(***)VF16
HD6437041A(***)CF28
HD6437041A(***)VCF16
QFP2020-144
QFP2020-144
QFP2020-144Cu*1
QFP2020-144Cu*1
HD6437041A***F
HD6437041A***F
HD6437041A***CF
HD6437041A***CF
SH7042
Mask ROM
verion
–
HD6437042F28
HD6437042VF16
HD6437042 (***)F28
HD6437042 (***)VF16
QFP2020-112
QFP2020-112
HD6437042***F
HD6437042***F
SH7042A Mask ROM
verion
A MASK
HD6437042AF28
HD6437042AVF16
HD6437042AVX16
HD6437042ACF28
HD6437042AVCF16
HD6437042A(***)F28
HD6437042A(***)VF16
HD6437042A(***)VX16
HD6437042A(***)CF28
HD6437042A(***)VCF16
QFP2020-112
QFP2020-112
TQFP1414-120
QFP2020-112Cu*1
QFP2020-112Cu*1
HD6437042A***F
HD6437042A***F
HD6437042A***X
HD6437042A***CF
HD6437042A***CF
ROM less
verion
A MASK
HD6417041AF28
HD6417041AVF16
HD6417041ACF28
HD6417041AVCF16
HD6417041AF28
HD6417041AVF16
HD6417041ACF28
HD6417041AVCF16
QFP2020-144
QFP2020-144
QFP2020-144Cu*1
QFP2020-144Cu*1
HD6417041AF28
HD6417041AVF16
HD6417041ACF28
HD6417041AVCF16
Z-TAT
version
–
HD6477042F28
HD6477042VF16
HD6477042F28
HD6477042VF16
QFP2020-112
QFP2020-112
HD6477042F28
HD6477042VF16
Product
Type
SH7042A Z-TAT
version
A MASK
HD6477042AF28
HD6477042AVF16
HD6477042AVX16
HD6477042ACF28
HD6477042AVCF16
HD6477042AF28
HD6477042AVF16
HD6477042AVX16
HD6477042ACF28
HD6477042AVCF16
QFP2020-112
QFP2020-112
TQFP1414-120
QFP2020-112Cu*1
QFP2020-112Cu*1
HD6477042AF28
HD6477042AVF16
HD6477042AVX16
HD6477042ACF28
HD6477042AVCF16
Mask
Version
Product Code
Mark Code
Package
Order Model No.*2
SH7043
Mask ROM
version
–
HD6437043F28
HD6437043VF16
HD6437043(***)F28
HD6437043(***)VF16
QFP2020-144
QFP2020-144
HD6437043***F
HD6437043***F
SH7043A Mask ROM
version
A MASK
HD6437043AF28
HD6437043AVF16
HD6437043ACF28
HD6437043AVCF16
HD6437043A(***)F28
HD6437043A(***)VF16
HD6437043A(***)CF28
HD6437043A(***)VCF16
QFP2020-144
QFP2020-144
QFP2020-144Cu*1
QFP2020-144Cu*1
HD6437043A***F
HD6437043A***F
HD6437043A***CF
HD6437043A***CF
SH7044
Mask ROM
version
A MASK
HD6437044F28
HD6437044(***)F28
QFP2020-112
HD6437044***F
F-ZTAT
version
HD64F7044F28
HD64F7044F28
QFP2020-112
HD64F7044F28
Z-TAT
version
–
HD6477043F28
HD6477043VF16
HD6477043F28
HD6477043VF16
QFP2020-144
QFP2020-144
HD6477043F28
HD6477043VF16
Z-TAT
version
A MASK
HD6477043AF28
HD6477043AVF16
HD6477043ACF28
HD6477043AVCF16
HD6477043AF28
HD6477043AVF16
HD6477043ACF28
HD6477043AVCF16
QFP2020-144
QFP2020-144
QFP2020-144Cu*1
QFP2020-144Cu*1
HD6477043AF28
HD6477043AVF16
HD6477043ACF28
HD6477043AVCF16
SH7045
Mask ROM
version
A MASK
HD6437045F28
HD6437045(***)F28
QFP2020-144
HD6437045***F
F-ZTAT
version
HD64F7045F28
HD64F7045F28
QFP2020-144
HD64F7045F28
(***) is the ROM code.
NoteS: 1. Package with Copper used as the lead material.
2. *** in the Order Model No. is the ROM code, consisting of a letter and a two-digit
number (ex. E00). The letter indicates the voltage and frequency, as shown below.
• E, F, G, H: 5.0 V, 28 MHz
• P, Q, R: 3.3 V, 16 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com