Electronic Components Datasheet Search
  English  ▼

X  

SH7044 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # SH7044
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7044 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button SH7044 Datasheet HTML 87Page - Renesas Technology Corp SH7044 Datasheet HTML 88Page - Renesas Technology Corp SH7044 Datasheet HTML 89Page - Renesas Technology Corp SH7044 Datasheet HTML 90Page - Renesas Technology Corp SH7044 Datasheet HTML 91Page - Renesas Technology Corp SH7044 Datasheet HTML 92Page - Renesas Technology Corp SH7044 Datasheet HTML 93Page - Renesas Technology Corp SH7044 Datasheet HTML 94Page - Renesas Technology Corp SH7044 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 923 page
background image
53
Table 2.8
Addressing Modes and Effective Addresses (cont)
Addressing
Mode
Instruction
Format
Effective Addresses Calculation
Equation
Indirect register
addressing with
displacement
@(disp:4,
Rn)
The effective address is Rn plus a 4-bit
displacement (disp). The value of disp is zero-
extended, and remains the same for a byte
operation, is doubled for a word operation, and is
quadrupled for a longword operation.
Rn
Rn + disp
× 1/2/4
+
×
1/2/4
disp
(zero-extended)
Byte: Rn +
disp
Word: Rn +
disp
× 2
Longword: Rn
+ disp
× 4
Indirect indexed
register
addressing
@(R0, Rn)
The effective address is the Rn value plus R0.
Rn
R0
Rn + R0
+
Rn + R0
Indirect GBR
addressing with
displacement
@(disp:8,
GBR)
The effective address is the GBR value plus an
8-bit displacement (disp). The value of disp is zero-
extended, and remains the same for a byte opera-
tion, is doubled for a word operation, and is
quadrupled for a longword operation.
GBR
1/2/4
GBR
+ disp
× 1/2/4
+
×
disp
(zero-extended)
Byte: GBR +
disp
Word: GBR +
disp
× 2
Longword:
GBR + disp
×
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com