Electronic Components Datasheet Search
  English  ▼

X  

SH7044 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # SH7044
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7044 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button SH7044 Datasheet HTML 74Page - Renesas Technology Corp SH7044 Datasheet HTML 75Page - Renesas Technology Corp SH7044 Datasheet HTML 76Page - Renesas Technology Corp SH7044 Datasheet HTML 77Page - Renesas Technology Corp SH7044 Datasheet HTML 78Page - Renesas Technology Corp SH7044 Datasheet HTML 79Page - Renesas Technology Corp SH7044 Datasheet HTML 80Page - Renesas Technology Corp SH7044 Datasheet HTML 81Page - Renesas Technology Corp SH7044 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 923 page
background image
40
Table 1.7
Pin Functions (cont)
Classification
Symbol
I/O
Name
Function
Bus control
multifunction
timer/pulse unit
(cont)
TIOC3A
TIOC3B
TIOC3C
TIOC3D
I/O
MTU input
capture/output
compare
(channel 3)
Channel 3 input capture input/output
compare output/PWM output pins.
TIOC4A
TIOC4B
TIOC4C
TIOC4D
I/O
MTU input
capture/output
compare
(channel 4)
Channel 4 input capture input/output
compare output/PWM output pins.
Direct memory
access
controller
(DMAC)
DREQ0–
DREQ1
I
DMA transfer
request
(channels 0, 1)
Input pin for external requests for
DMA transfer.
DRAK0–
DRAK1
O
DREQ request
acknowledgment
(channels 0, 1)
Output the input sampling
acknowledgment of external DMA
transfer requests.
DACK0–
DACK1
O
DMA transfer
strobe (channels
0, 1)
Output a strobe to the external I/O of
external DMA transfer requests.
Serial
communication
interface (SCI)
TxD0–
TxD1
O
Transmit data
(channels 0, 1)
SCI0, SCI1 transmit data output pins.
(TxD1 is used for data transfer during
boot mode of F-ZTAT)
RxD0–
RxD1
I
Receive data
(channels 0, 1)
SCI0, SCI1 receive data input pins.
(RxD1 is used for data transfer during
boot mode of F-ZTAT)
SCK0–
SCK1
I/O
Serial clock
(channels 0, 1)
SCI0, SCI1 clock input/output pins.
A/D Converter
AV
CC
I
Analog supply
Analog supply; connected to V
CC.
AV
SS
I
Analog ground
Analog supply; connected to V
SS.
AVref
(QFP-144
only)
I
Analog reference
supply
Analog reference supply input pin.
(Connected to AV
CC internally in
QFP-112 and TQFP-120.)
AN0–AN7
I
Analog input
Analog signal input pins.
ADTRG
I
A/D conversion
trigger input
External trigger input for A/D
conversion start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com