Electronic Components Datasheet Search
  English  ▼

X  

SH7044 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # SH7044
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7044 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button SH7044 Datasheet HTML 38Page - Renesas Technology Corp SH7044 Datasheet HTML 39Page - Renesas Technology Corp SH7044 Datasheet HTML 40Page - Renesas Technology Corp SH7044 Datasheet HTML 41Page - Renesas Technology Corp SH7044 Datasheet HTML 42Page - Renesas Technology Corp SH7044 Datasheet HTML 43Page - Renesas Technology Corp SH7044 Datasheet HTML 44Page - Renesas Technology Corp SH7044 Datasheet HTML 45Page - Renesas Technology Corp SH7044 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 923 page
background image
4
• 16 independent comparators
• 8 types of counter input clock
• Input capture function
• Pulse output mode
 One shot, toggle, PWM, phase-compensated PWM, reset-synchronized PWM
• Multiple counter synchronization function
• Phase-compensated PWM output mode
 Non-overlapping waveform output for 6-phase inverter control
 Automatic setting for dead time
 PWM duty cycle can be set from 0 to 100%
 Output off function
• Reset-synchronized PWM mode
 3-phase output of any duty cycle positive phase/reverse phase PWM waveforms
• Phase calculation mode
 2-phase encoder calculation processing
Compare Match Timer (CMT) (Two Channels):
• 16-bit free-running counter
• One compare register
• Generates an interrupt request upon compare match
Watchdog Timer (WDT) (One Channel):
• Watchdog timer or interval timer
• Count overflow can generate an internal reset, external signal, or interrupt
Serial Communication Interface (SCI) (Two Channels):
(Per Channel):
• Asynchronous or clock-synchronous mode is selectable
• Can transmit and receive simultaneously (full duplex)
• On-chip dedicated baud rate generator
• Multiprocessor communication function
I/O Ports:
• QFP 112 (SH7040, SH7042, SH7044), TQFP-120 (SH7040, SH7042)
 Input/output: 74
 Input: 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com