Electronic Components Datasheet Search
  English  ▼

X  

SH7044 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # SH7044
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7044 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button SH7044 Datasheet HTML 6Page - Renesas Technology Corp SH7044 Datasheet HTML 7Page - Renesas Technology Corp SH7044 Datasheet HTML 8Page - Renesas Technology Corp SH7044 Datasheet HTML 9Page - Renesas Technology Corp SH7044 Datasheet HTML 10Page - Renesas Technology Corp SH7044 Datasheet HTML 11Page - Renesas Technology Corp SH7044 Datasheet HTML 12Page - Renesas Technology Corp SH7044 Datasheet HTML 13Page - Renesas Technology Corp SH7044 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 923 page
background image
Section
Page
Description
15.4.9 A/D
Conversion Time
Table 15.8
Operating Frequency
and CKS Bit Settings
562
33 MHz deleted
15.6 Notes on Use
Figure 15.14
Example of a
Protection Circuit for
the Analog Input Pins
564
Figure amended
Notes:
Numbers are only to be noted as reference value
*1
*2 Rin: Input impedance
AVss
AVcc
AVref
AN0 to AN7
This LSI
10
µF
0.01
µF
100
Ω
Rin*2
0.1
µF
*1
*1
16.7.2 Handling of
Analog Input Pins
Figure 16.8 Example
of Analog Input Pin
Protection Circuit
585
Note amended
Notes: Numbers are only to be noted as reference value
19.2 Port A
Table 19.2 Port A,
FP-144 Version
649
Table amended
PA16 (I/O)/
AH (output)
PA16 (I/O)/
AH (output)
PA16 (I/O)
PA15 (I/O)/CK (output)
PA15 (I/O)/CK (output)
PA15 (I/O)/CK (output)
21.2.2 Socket
Adapter Pin
Correspondence and
Memory Map
Figure 21.2 SH7042
Pin and HN27C101
Pin Correspondence
(112-Pin Version)
671
Figure amended
100
Ω
0.1
µF
2 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com