Electronic Components Datasheet Search
  English  ▼

X  

SH7044 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # SH7044
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7044 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button SH7044 Datasheet HTML 116Page - Renesas Technology Corp SH7044 Datasheet HTML 117Page - Renesas Technology Corp SH7044 Datasheet HTML 118Page - Renesas Technology Corp SH7044 Datasheet HTML 119Page - Renesas Technology Corp SH7044 Datasheet HTML 120Page - Renesas Technology Corp SH7044 Datasheet HTML 121Page - Renesas Technology Corp SH7044 Datasheet HTML 122Page - Renesas Technology Corp SH7044 Datasheet HTML 123Page - Renesas Technology Corp SH7044 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 923 page
background image
82
XTAL
EXTAL
C
L1
C
L2
Rd
4–10 MHz
C
L1 = CL2 = 18–22 pF (Recommended value)
Figure 4.2 Connection of the Crystal Oscillator (Example)
Table 4.1
Damping Resistance Values (Recommended Values)
Frequency (MHz)
Parameter
4
8
10
Rd (
Ω)
500
200
0
Crystal Oscillator: Figure 4.3 shows an equivalent circuit of the crystal oscillator. Use a crystal
oscillator with the characteristics listed in table 4.2.
Co
EXTAL
C
L
LRs
XTAL
Figure 4.3 Crystal Oscillator Equivalent Circuit
Table 4.2
Crystal Oscillator Parameters
Frequency (MHz)
Parameter
4
8
10
Rs max (
Ω)
120
80
60
Co max (pF)
7
7
7
4.2.2
External Clock Input Method
Figure 4.4 shows an example of an external clock input connection. In this case, make the external
clock high level to stop it when in standby mode. During operation, make the external input clock
frequency 4–10 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com