Electronic Components Datasheet Search
  English  ▼

X  

ADP5003 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5003
Description  Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5003 Datasheet(HTML) 5 Page - Analog Devices

  ADP5003 Datasheet HTML 1Page - Analog Devices ADP5003 Datasheet HTML 2Page - Analog Devices ADP5003 Datasheet HTML 3Page - Analog Devices ADP5003 Datasheet HTML 4Page - Analog Devices ADP5003 Datasheet HTML 5Page - Analog Devices ADP5003 Datasheet HTML 6Page - Analog Devices ADP5003 Datasheet HTML 7Page - Analog Devices ADP5003 Datasheet HTML 8Page - Analog Devices ADP5003 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Data Sheet
ADP5003
Rev. A | Page 5 of 31
BUCK REGULATOR SPECIFICATIONS
VPVIN1 = VPVINSYS = 4.2 V to 15 V, VPVIN2 = 0.65 V to 5 V, TJ = −40°C to +125°C for minimum/maximum specifications, and TA = 25°C for typical
specifications, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit Test Conditions/Comments
OUTPUT CHARACTERISTICS
Programmable Output Voltage Range1
VPVOUT1
0.6
5.0
V
Buck Regulator Gain
ABUCK
2.5
VPVOUT1/VVSET1
Error Amplifier Transconductance
gm1
509
600
661
µS
Buck Output Voltage Accuracy2
−1
+1
%
VOUT1 load current (ILOAD1) = 10 mA
Regulation
Line
(ΔVPVOUT1/VPVOUT1)/ΔVPVIN1
0.004
%/V
ILOAD1 = 10 mA
Load
(ΔVPVOUT1/VPVOUT1)/ΔILOAD1
0.04
%/A
0 mA ≤ ILOAD1 ≤ 3 A, VPVIN1 = 12 V
Total Output Voltage Accuracy
±1.5
%
4.2 V ≤ VPVIN1 ≤ 15V, 1 mA ≤ ILOAD1 ≤ 3A
OPERATING SUPPLY CURRENT
IIN
3.8
mA
ILOAD1 = 0 mA, LDO disabled, buck
switching
SW1 CHARACTERISTICS
SW1 On Resistance
RPFET
130
200
mΩ
VPVIN1 = 15 V (PVIN1 to SW1)
RNFET
60
100
mΩ
VPVIN1 = 15 V (SW1 to PGND1)
Current Limit Threshold
ILIMIT1
3.5
A
Negative channel field effect
transistor (NFET) switch valley
current limit
−1
A
Negative current limit
Slew Rate
SLEWSW1
1.6
V/ns
VPVIN1 = 15 V, ILOAD1 = 1 A
Minimum On Time3
tMIN_ON
35
ns
Minimum Off Time
tMIN_OFF
100
128
ns
BUCK REGULATOR ACTIVE PULL DOWN
RPDWN-B
90
Ω
Channel disabled
BUCK REGULATOR SOFT START (SS)
tSSBUCK
2
ms
HICCUPTIME
tHICCUP
33
ms
VSETxADJUSTABLE INPUT BIAS CURRENT
IVSET1, IVSET2
10
150
nA
OSCILLATOR
Internal Switching Frequency 1
fSW1
2.25
2.5
2.75
MHz
RRT ≤ 71.2 kΩ
Internal Switching Frequency 2
fSW2
0.26
0.3
0.34
MHz
RRT = 600 kΩ
SYNC
Frequency Range
fSYNC
0.3
2.5
MHz
Minimum Pulse Width
Positive
20
ns
Negative
10
ns
1
The switching frequency, minimum on time, and minimum off time may limit the output voltage range.
2
The buck output voltage accuracy is relative to the nominal output voltage and accounts for reference voltage, gain, and offset error.
3
The minimum on time indicates the minimum high-side turn on time to ensure fixed frequency switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com