Electronic Components Datasheet Search
  English  ▼

X  

ADP5003 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP5003
Description  Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5003 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP5003 Datasheet HTML 23Page - Analog Devices ADP5003 Datasheet HTML 24Page - Analog Devices ADP5003 Datasheet HTML 25Page - Analog Devices ADP5003 Datasheet HTML 26Page - Analog Devices ADP5003 Datasheet HTML 27Page - Analog Devices ADP5003 Datasheet HTML 28Page - Analog Devices ADP5003 Datasheet HTML 29Page - Analog Devices ADP5003 Datasheet HTML 30Page - Analog Devices ADP5003 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
Data Sheet
ADP5003
Rev. A | Page 27 of 31
Table 13. Recommended Buck External Components for Adaptive Headroom Applications up to 3 A Operation (VPVOUT2 ± 100 mV
at an ~60% Step Transient)
fSW (kHz)
VIN (V)
VOUT2 (V)
L (µH)
COUT1 (µF)
RC (kΩ)
CC (nF)
CCP (pF)
RTOP2 (kΩ)
RBOT2 (kΩ)
COUT2 (µF)
600
12
3.3
4.7
47
1.74
33
22
Short
Open
10
12
2.5
3.3
44
1.65
22
22
37.4
118
10
12
1.8
3.3
57
2.15
22
22
100
121
10
12
1.3
2.2
47
1.74
22
22
100
64.9
10
12
1.1
1.8
47
1.74
10
22
100
49.9
10
5
3.3
1.5
44
1.65
33
22
Short
Open
10
5
2.5
1.8
32
1.21
22
22
37.4
118
10
5
1.8
1.8
32
1.21
22
22
100
121
10
5
1.3
1.8
44
1.65
22
22
100
64.9
10
5
1.1
1.5
44
1.65
10
22
100
49.9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com