Electronic Components Datasheet Search
  English  ▼

X  

ADP5003 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP5003
Description  Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5003 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP5003 Datasheet HTML 6Page - Analog Devices ADP5003 Datasheet HTML 7Page - Analog Devices ADP5003 Datasheet HTML 8Page - Analog Devices ADP5003 Datasheet HTML 9Page - Analog Devices ADP5003 Datasheet HTML 10Page - Analog Devices ADP5003 Datasheet HTML 11Page - Analog Devices ADP5003 Datasheet HTML 12Page - Analog Devices ADP5003 Datasheet HTML 13Page - Analog Devices ADP5003 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
ADP5003
Data Sheet
Rev. A | Page 10 of 31
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
0.1A
1A
2A
3A
Figure 9. LDO PSRR vs. Frequency, VHR = 0.3 V, VPVOUT2 = 1.3 V at
Various LDO Load Currents
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.2V
0.3V
0.4V
0.5V
Figure 10. LDO PSRR vs. Frequency, VPVOUT2 = 1.3 V, ILOAD2 = 1 A at Various LDO
Headroom Voltages
0.1
1
10
100
1000
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
0.9V
3.3V
IPVOUT2 = 1A
Figure 11. LDO Noise Spectral Density vs. Frequency at Various LDO Output
Voltages
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
0.1A
1A
2A
3A
Figure 12. LDO PSRR vs. Frequency, VHR = 0.3 V, VPVOUT2 = 3.3 V at
Various LDO Load Currents
1
10
100
1k
10k
100k
1M
10M
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (Hz)
0.2V
0.3V
0.4V
0.5V
Figure 13. LDO PSRR vs. Frequency, VPVOUT2 = 3.3 V, ILOAD2 = 1 A at Various LDO
Headroom Voltages
0.1
1
10
100
1000
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
0.1A
1A
3A
VPVOUT2 = 3.3V
Figure 14. LDO Noise Spectral Density vs. Frequency, VPVOUT2 = 3.3 V at
Various LDO Load Currents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com