Electronic Components Datasheet Search
  English  ▼

X  

ADP5003 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP5003
Description  Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5003 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP5003 Datasheet HTML 11Page - Analog Devices ADP5003 Datasheet HTML 12Page - Analog Devices ADP5003 Datasheet HTML 13Page - Analog Devices ADP5003 Datasheet HTML 14Page - Analog Devices ADP5003 Datasheet HTML 15Page - Analog Devices ADP5003 Datasheet HTML 16Page - Analog Devices ADP5003 Datasheet HTML 17Page - Analog Devices ADP5003 Datasheet HTML 18Page - Analog Devices ADP5003 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Data Sheet
ADP5003
Rev. A | Page 15 of 31
THEORY OF OPERATION
POWER MANAGEMENT UNIT
The ADP5003 is a micropower management unit combining a
step-down (buck) dc-to-dc converter and an ultralow noise low
dropout linear (LDO)regulator. The high switching frequency
and 5 mm × 5 mm, 32-lead LFCSP package allow a compact
power management solution.
Adaptive Headroom Control
The ADP5003 features a scheme to control the LDO headroom
voltage to ensure optimal operating efficiency while maintaining a
consistent power supply rejection ratio (PSRR) across the full
range of the LDO load current.
The scheme works by varying the headroom voltage across the
LDO NFET with respect to the LDO load current. Lower and
upper limits prevent the headroom from approaching zero volts
at light loads and from increasing more than necessary at high
loads.
Precision Enable/Shutdown
The ADP5003 has individual enable pins (EN1 and EN2) to
control the regulators.
The precision enable function allows a precise turn on point for
the regulators to allow the possibility of external sequencing. A
voltage level higher than VTH_H applied to the EN1 or EN2 pin
activates a regulator, whereas a level below VTH_L turns off a
regulator. The buck is controlled by EN1, and the LDO is
controlled by the EN2 pin. When both EN1 and EN2 fall below
VTH_S, the ADP5003 enters shutdown mode.
Undervoltage Lockout (UVLO)
To protect against the input voltage being too low, UVLO
circuitry is integrated into the system. If the input voltage on
PVINSYS drops to less than the UVLOPVINSYSFALL threshold, all
channels shut down.
The device is enabled again when the voltage on PVINSYS rises
to more than the UVLOPVINSYSRISE threshold, provided the enable
pins remain active.
Thermal Shutdown (TSD)
In the event that the junction temperature rises above TSD, the
thermal shutdown circuit turns off both regulators. Extreme
junction temperatures can be the result of high current operation,
poor circuit board design, or a high ambient temperature. A
hysteresis value of TSD-HYS is included so that when thermal
shutdown occurs, the regulators do not return to operation until
the on-chip temperature drops below TSD − TSD-HYS. When
emerging from thermal shutdown, both regulators restart with
soft start control.
Active Pull Down
Both regulators have active pull-down resistors discharging the
respective output capacitors when the regulators are disabled.
The pull-down resistors are connected between VOUT1 to
AGND1 and PVOUT2 to AGND2. Active pull-down resistors
are disabled when the regulators are turned on.
When the enable pins are asserted low, or a TSD or UVLO
event occurs, the active pull-down resistors enable to quickly
discharge the output capacitors. The pull-down resistors remain
engaged until the enable pins are asserted high, the fault event is
no longer present, or the VREG supply voltage falls to less than
the voltage required (approximately 1 V) to guarantee that the
pull-down resistor remains enabled.
Soft Start (SS)
Both regulators have an internal soft start function that ramps
the output voltage in a controlled manner on startup, thereby
limiting the inrush current. The soft start function reduces the
risk of noise spikes and voltage drops on the upstream supplies.
Power-Good
The ADP5003 has a dedicated power-good, open-drain, output
(PWRGD). PWRGD indicates whether one or more regulators
are outside the voltage limits specified by the power-good lower
limit (PWRGDF) and the power-good upper limit (PWRGDF +
PWRGDFH). When either one or both of the regulator outputs
are outside the power-good limits, the PWRGD output pulls low.
PWRGD will continue to pull low, provided the VREG supply
voltage remains above approximately 1 V.
When in adaptive mode, PWRGD only monitors the LDO
output, and when in standalone mode, PWRGD only monitors
the regulator/regulators that are enabled.
BUCK REGULATOR
Control Scheme
The buck regulator operates with a fixed frequency, emulated
peak current mode, pulse-width modulation (PWM) control
architecture, where the duty cycle of the integrated switches is
adjusted and regulates the output voltage. At the start of each
oscillator cycle, the positive channel field effect transistor (PFET)
switch is turned on, sending a positive voltage across the inductor.
Current in the inductor increases until the emulated current
sense signal crosses the peak inductor current threshold, which
turns off the PFET switch and turns on the NFET synchronous
rectifier. Turning on the NFET synchronous rectifier creates a
negative voltage across the inductor, which causes the inductor
current to decrease. The synchronous rectifier stays on for the
remainder of the cycle. By adjusting the peak inductor current
threshold, the buck regulator can regulate the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com