Electronic Components Datasheet Search
  English  ▼

X  

ADP5003 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP5003
Description  Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5003 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP5003 Datasheet HTML 22Page - Analog Devices ADP5003 Datasheet HTML 23Page - Analog Devices ADP5003 Datasheet HTML 24Page - Analog Devices ADP5003 Datasheet HTML 25Page - Analog Devices ADP5003 Datasheet HTML 26Page - Analog Devices ADP5003 Datasheet HTML 27Page - Analog Devices ADP5003 Datasheet HTML 28Page - Analog Devices ADP5003 Datasheet HTML 29Page - Analog Devices ADP5003 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
ADP5003
Data Sheet
Rev. A | Page 26 of 31
RECOMMENDED EXTERNAL COMPONENTS FOR THE BUCK REGULATOR
Table 12 lists the recommended external components for buck applications up to 3 A operation (±5% tolerance at an ~60% step transient),
and Table 13 lists the recommended buck external components for adaptive headroom applications up to 3 A operation (VPVOUT2 ±
100 mV at an ~60% step transient).
Table 12. Recommended External Components for Buck Applications up to 3 A Operation (±5% Tolerance at an ~60% Step Transient)
fSW (kHz)
VIN (V)
VOUT (V)
L (μH)
COUT (μF)
RTOP1 (kΩ)
RBOT1 (kΩ)
RC (kΩ)
CC (nF)
CCP (pF)
300
12
1
3.3
210
200
49.9
23.7
3.3
10
12
1.2
4.7
204.7
150
47.5
23.2
3.3
10
12
1.5
4.7
147
174
75
16.5
4.7
10
12
1.8
5.6
110
150
84.5
12.4
4.7
10
12
2.5
6.8
69
100
100
7.68
6.8
10
12
3.3
8.2
47
49.9
97.6
5.23
10
10
12
5
10
26.7
0
open
3.01
15
10
5
1
3.3
210
200
49.9
23.7
3.3
10
5
1.2
3.3
147
150
47.5
16.5
3.3
10
5
1.5
4.7
132
174
75
14.7
4.7
10
5
1.8
4.7
94
150
84.5
10.5
4.7
10
5
2.5
4.7
47
100
100
5.23
6.8
10
5
3.3
4.7
51.7
49.9
97.6
5.76
10
10
600
12
1.5
2.2
69
150
84.5
15.4
2.2
4.7
12
1.8
3.3
69
150
84.5
15.4
2.2
4.7
12
2.5
3.3
32
100
100
7.15
3.3
4.7
12
3.3
4.7
26.7
49.9
97.6
6.04
4.7
4.7
12
5
5.6
22
0
Open
4.99
6.8
4.7
5
1
1.5
94
200
49.9
21
1.5
4.7
5
1.2
1.8
147
150
47.5
33.2
1.5
4.7
5
1.5
1.8
49.2
174
75
11
2.2
4.7
5
1.8
2.2
47
150
84.5
10.5
2.2
4.7
5
2.5
2.2
23
100
100
5.11
3.3
4.7
5
3.3
2.2
24.2
49.9
97.6
5.49
4.7
4.7
1000
12
2.5
2.2
22
100
100
8.25
2.2
2.2
12
3.3
3.3
22
49.9
97.6
8.25
3.3
2.2
12
5
3.3
22
0
Open
8.25
4.7
2.2
5
1
1
69
200
49.9
25.5
1
2.2
5
1.2
1
47
150
47.5
17.4
1
2.2
5
1.5
1.2
32
174
75
12.1
1.5
2.2
5
1.8
1.2
23
150
84.5
8.66
1.5
2.2
5
2.5
1.5
22
100
100
8.25
2.2
2.2
5
3.3
1.2
22
49.9
97.6
8.25
3.3
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com