Electronic Components Datasheet Search
  English  ▼

X  

ADP5003 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5003
Description  Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5003 Datasheet(HTML) 1 Page - Analog Devices

  ADP5003 Datasheet HTML 1Page - Analog Devices ADP5003 Datasheet HTML 2Page - Analog Devices ADP5003 Datasheet HTML 3Page - Analog Devices ADP5003 Datasheet HTML 4Page - Analog Devices ADP5003 Datasheet HTML 5Page - Analog Devices ADP5003 Datasheet HTML 6Page - Analog Devices ADP5003 Datasheet HTML 7Page - Analog Devices ADP5003 Datasheet HTML 8Page - Analog Devices ADP5003 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Low Noise Micro PMU,
3 A Buck Regulator with 3 A LDO
Data Sheet
ADP5003
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license isgranted by implication or otherwise under any patent or patent rightsofAnalog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low noise, dc power supply system
High efficiency buck for first stage conversion
High PSRR, low noise LDO regulator to remove switching
ripple
Adaptive LDO regulator headroom control option for
optimal efficiency and PSRR across full load range
3 A, low noise, buck regulator
Wide input voltage range: 4.2 V to 15 V
Programmable output voltage range: 0.6 V to 5.0 V
0.3 MHz to 2.5 MHz internal oscillator
0.3 MHz to 2.5 MHz SYNC frequency range
3 A, low noise, NFET LDO regulator (active filter)
Wide input voltage range: 0.65 V to 5 V
Programmable output voltage range: 0.6 V to 3.3 V
Differential point of load remote sensing
3 µV rms output noise (independent of output voltage)
PSRR > 50 dB (to 100 kHz) with 400 mV headroom at 3 A
Ultrafast transient response
Power-good output
Precision enable inputs for both the buck regulator and LDO
−40°C to +125°C operating junction temperature range
32-lead, 5 mm × 5 mm, LFCSP
APPLICATIONS
Low noise power for high speed analog-to-digital converter
(ADC) and digital-to-analog converter (DAC) designs
Powering RF transceivers and clocking ICs
FUNCTIONAL BLOCK DIAGRAM
RT
RRT
RTOP1
RBOT1
VOUT1
SW1
L1
SW1
SW1
PGND1
PGND1
PGND1
VREG
PVINSYS
VPVINSYS:
4.2V TO 15V
AGND1
AGND2
PVIN2
PVIN2
PVIN2
PVOUT2
PVOUT2
PVOUT2
CPVOUT2
CVREG_LDO
CVREG
CVBUF
CPVINSYS
CPVOUT1
CPVIN2
CPVIN1
VFB2P
EN1
VBUF
COMP1
RC
CC
REFOUT
EN2
VFB2N
VSET2
LOW NOISE
LDO ACTIVE
FILTER
3A
LOAD
SYNC
VPVOUT2:
0.6V TO 3.3V
VPVOUT1:
0.6V TO 5.0V
VSET1
PVIN1
PVIN1
BUCK
REGULATOR
3A
VPVIN1:
4.2V TO 15V
CREFOUT
SYSTEM
PWRGD
VREG_LDO
Figure 1.
GENERAL DESCRIPTION
The ADP5003 integrates a high voltage buck regulator and an
ultralow noise low dropout (LDO) regulator in a small, 5 mm ×
5 mm, 32-lead LFCSP package to provide highly efficient and
quiet regulated supplies.
The buck regulator is optimized to operate at high output
currents up to 3 A. The LDO is capable of a maximum output
current of 3 A and operates efficiently with low headroom
voltage while maintaining high power supply rejection.
The ADP5003 can operate in one of two modes. Adaptive mode
allows the LDO to operate with an optimized headroom by
adjusting the buck output voltage internally in response to the
LDO load current. Alternatively, the ADP5003 can operate in
independent mode, where both regulators operate separately
from each other, and where the output voltages are
programmed using resistor dividers.
The LDO regulator output can be accurately controlled at the
point of load (POL) using remote sensing that compensates for the
printed circuit board (PCB) trace impedance while delivering
high output currents.
Each regulator is activated via a dedicated precision enable
input. The buck switching frequency can be synchronized to
an external signal, or programmed with an external resistor.
Safety features in the ADP5003 include thermal shutdown (TSD),
input undervoltage lockout (UVLO) and independent current
limits for each regulator. The ADP5003 is rated for a −40°C to
+125°C operating junction temperature range.


Similar Part No. - ADP5003

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5014 AD-ADP5014 Datasheet
827Kb / 34P
Integrated Power Solution with Quad Low Noise Buck Regulators
8/2019-Rev. 0 to Rev. A
ADP5014-EVALZ AD-ADP5014-EVALZ Datasheet
827Kb / 34P
Integrated Power Solution with Quad Low Noise Buck Regulators
8/2019-Rev. 0 to Rev. A
ADP5014ACPZ-R7 AD-ADP5014ACPZ-R7 Datasheet
827Kb / 34P
Integrated Power Solution with Quad Low Noise Buck Regulators
8/2019-Rev. 0 to Rev. A
ADP5020 AD-ADP5020 Datasheet
1Mb / 28P
Power Management Unit for Imaging Modules
REV. 0
ADP5020ACPZ-R7 AD-ADP5020ACPZ-R7 Datasheet
1Mb / 28P
Power Management Unit for Imaging Modules
REV. 0
More results

Similar Description - ADP5003

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3155A ONSEMI-NCP3155A Datasheet
391Kb / 24P
3 A Synchronous Buck Regulator
February, 2011 ??Rev. 1
logo
Analog Devices
ADP5040 AD-ADP5040 Datasheet
3Mb / 40P
Micro PMU with 1.2 A Buck Regulator
REV. 0
logo
ON Semiconductor
NCP3155BDR2G ONSEMI-NCP3155BDR2G Datasheet
419Kb / 25P
3 A Synchronous Buck Regulator
February, 2012 ??Rev. 3
logo
Unisonic Technologies
USR1051 UTC-USR1051 Datasheet
179Kb / 4P
3 A SYNCHRONOUS BUCK REGULATOR
USR1051 UTC-USR1051_15 Datasheet
179Kb / 4P
3 A SYNCHRONOUS BUCK REGULATOR
logo
Texas Instruments
TPS7A84A TI1-TPS7A84A Datasheet
2Mb / 46P
3-A, High-Accuracy (0.75%), Low-Noise (4.4-uVRMS) LDO Regulator
TPS7A53-Q1 TI1-TPS7A53-Q1 Datasheet
377Kb / 28P
Automotive-Grade 3-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
logo
ON Semiconductor
FAN5353 ONSEMI-FAN5353 Datasheet
1Mb / 15P
3 MHz, 3 A Synchronous Buck Regulator
December 2013 Rev. 1.0.3
logo
SHANGHAI BELLING CO., L...
BL8087 BELLING-BL8087 Datasheet
695Kb / 6P
PMU with a Synchronous 1A Buck and a CMOS 500mA LDO
logo
Texas Instruments
TPS7A53-Q1 TI1-TPS7A53-Q1_18 Datasheet
2Mb / 41P
3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com