Electronic Components Datasheet Search
  English  ▼

X  

ADP5003 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP5003
Description  Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5003 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP5003 Datasheet HTML 10Page - Analog Devices ADP5003 Datasheet HTML 11Page - Analog Devices ADP5003 Datasheet HTML 12Page - Analog Devices ADP5003 Datasheet HTML 13Page - Analog Devices ADP5003 Datasheet HTML 14Page - Analog Devices ADP5003 Datasheet HTML 15Page - Analog Devices ADP5003 Datasheet HTML 16Page - Analog Devices ADP5003 Datasheet HTML 17Page - Analog Devices ADP5003 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
ADP5003
Data Sheet
Rev. A | Page 14 of 31
CH1 500mV
CH2 1.00mV
M80.0µs
A CH1
3.81V
B
W
1
2
T
200.960µs
VPVOUT2
VPVIN2
0.07V/µs
0.18V/µs
3V OFFSET
Figure 33. LDO Line Transient, VPVIN2 = 3.6 V to 4.1 V, VPVOUT2 = 3.3 V,
ILOAD2 = 1 A
CH2 500mV
CH4 1.00mV
M80µs
A CH2
12.5V
T 25.90%
Ω
B
W
B
W
4
2
VPVOUT2
VPVIN1
0.14V/µs
0.45V/µs
10V OFFSET
Figure 34. Adaptive Mode Line Transient, VPVIN1 = 11 V to 13 V, VPVOUT2 = 3.3 V,
ILOAD2 = 1 A, fSW = 1.5 MHz, L = 2.2 μH, RC = 3.48 kΩ, CC = 22 nF, CCP = 22 pF,
CPVOUT1 = 64 μF
CH4 20.0mV
Ω
CH3 1.00 A
M8.00µs
A CH3
920mA
T
24.7%
B
W
3
4
IPVIN1
VPVOUT2
Figure 35. AdaptiveMode Load Transient,VPVIN1 =12V,VPVOUT2 =3.3 V,
ILOAD2 =0.5A to 3A, fSW = 1.5 MHz, L = 2.2 μH, RC = 3.48 kΩ, CC = 22 nF,
CCP = 22 pF, CPVOUT1 = 64 μF
CH2 20.0mV
CH4 1.00A
M8.00µs
A CH4
1.34A
4
2
T
18.4800µs
VPVOUT2
ILOAD2
2.3A/µs
3A/µs
Figure 36. LDO Load Transient, VPVIN2 = 3.6 V, VPVOUT2 = 3.3 V,
ILOAD2 = 0.5 A to 3 A
CH3 500mA
CH4 10.0mV
M80µs
A CH2
1.52V
T 24.70%
Ω BW
4
3
VPVOUT2
ILOAD2
1.2A/µs
1.3A/µs
Figure 37. AdaptiveMode Load Transient,VPVIN1 =12V,VPVOUT2 =3.3 V,
ILOAD2 =1Ato1.5A, fSW = 1.5 MHz, L = 2.2 μH, RC = 3.48 kΩ, CC = 22 nF,
CCP = 22 pF, CPVOUT1 = 64 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com