Electronic Components Datasheet Search
  English  ▼

X  

ADP5003 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP5003
Description  Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5003 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP5003 Datasheet HTML 19Page - Analog Devices ADP5003 Datasheet HTML 20Page - Analog Devices ADP5003 Datasheet HTML 21Page - Analog Devices ADP5003 Datasheet HTML 22Page - Analog Devices ADP5003 Datasheet HTML 23Page - Analog Devices ADP5003 Datasheet HTML 24Page - Analog Devices ADP5003 Datasheet HTML 25Page - Analog Devices ADP5003 Datasheet HTML 26Page - Analog Devices ADP5003 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Data Sheet
ADP5003
Rev. A | Page 23 of 31
DESIGNING THE COMPENSATION NETWORK FOR
THE BUCK REGULATOR
For better load transient and stability performance, set the cross
frequency, fC, to fSW/10. In this example, fSW is set to 600 kHz;
therefore, fC is set to 60 kHz.
kΩ
9.87
A/V
7
S
μ
600
2.5
kHz
60
F
μ
44
π
2
=
×
×
×
×
×
=
C
R
(
)
nF
3.72
kΩ
7.18
μF
44
Ω
0.001
Ω
0.833
=
×
+
=
C
C
pF
4.46
kΩ
7.18
μF
44
Ω
0.001
=
×
=
CP
C
Choose standard components: RC = 9.76 kΩ, CC = 4.7 nF,
CCP = 4.7 pF.
Figure 47 shows the load transient waveform.
CH2 1.00A
CH3 200mV
M200µs
A CH2
1.08A
T
432.000µs
B
W
B
W
CH4 20.0mV
2
3
4
ILOAD2
VVOUT1
VPVOUT2
0.02A/µs
0.015A/µs
Figure 47. 0.6 A to 2.4 A Load Transient for 2.5 V Output, fSW = 0.6 MHz,
L = 3.3 μH, RC = 9.76 kΩ, CC = 4.7 nF, CCP = 4.7 pF, CPVOUT1 = 44 μF
SELECTING THE INPUT CAPACITOR FOR THE BUCK
REGULATOR
For the input capacitor, select a ceramic capacitor with a
minimum capacitance of 10 µF. Place the input capacitor close
to the PVIN1 pin. In this example, one 10 µF, X5R, 25 V
ceramic capacitor is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com