Electronic Components Datasheet Search
  English  ▼

X  

ADP5003 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP5003
Description  Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5003 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP5003 Datasheet HTML 13Page - Analog Devices ADP5003 Datasheet HTML 14Page - Analog Devices ADP5003 Datasheet HTML 15Page - Analog Devices ADP5003 Datasheet HTML 16Page - Analog Devices ADP5003 Datasheet HTML 17Page - Analog Devices ADP5003 Datasheet HTML 18Page - Analog Devices ADP5003 Datasheet HTML 19Page - Analog Devices ADP5003 Datasheet HTML 20Page - Analog Devices ADP5003 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Data Sheet
ADP5003
Rev. A | Page 17 of 31
Current-Limit and Short-Circuit Protection
The buck regulator includes current-limit protection circuitry
to limit the amount of forward current through the field effect
transistor (FET) switches. When the valley inductor current
exceeds the overcurrent limit threshold for a number of clock
cycles during an overload or short-circuit condition, the
regulator enters hiccup mode. The regulator stops switching
and then restarts with a new soft start cycle after the hiccup
time, tHICCUP, and repeats until the over-current condition is
removed. If the buck regulator output voltage falls below 50%
of the nominal output voltage, the regulator immediately enters
hiccup mode. When the valley inductor current falls below the
negative current-limit threshold, the NFET turns off and the
PFET remains off allowing the inductor current to be discharged
via the PFET body diode. The PFET turns on again with the
next clock edge after the inductor current no longer exceeds
the negative current-limit threshold.
A CH2
1.08V
CH1 10.0V
CH2 2.00V
20.0ms
T
79.7600ms
CH3 2.0A
B
W
VVOUT1
IL
VSW1
2
3
1
2
3
1
tHICCUP
3.5A
3.5A
Figure 40. Short-Circuit Response (Current Limit and Hiccup Mode)
LDO REGULATOR
The ADP5003 contains a single low noise, low dropout (LDO)
linear regulator that uses an NFET pass device to provide high
PSRR with low headroom voltage and an output current up to 3A.
The LDO regulator can operate with an input voltage of 0.65 V
to 5 V while providing excellent line and load transient response
using 10 µF ceramic input and output capacitors.
LDO Startup
The LDO regulator turns on with a controlled soft start ramp to
limit inrush current. This soft start ramp is dictated by tSSLDO,
which is typically 400 µs.
–4.5
–3.5
–2.5
–1.5
–0.5
0.5
1.5
2.5
3.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
TIME (ms)
0.1A
1A
3A
VEN2
Figure 41. LDO Startup
Current Limit
The LDO operates in current limit when the output load exceeds
ILIMIT2. When in current limit operation, the output voltage
reduces to maintain a constant output current.
Differential Remote Sensing
The LDO can sense at the point of load by using VFB2P and
VFB2N as shown in Figure 42. Differential remote sensing
compensates for both the source drop and the return drop to
provide a more precise supply scheme at the point of load.
AGND1
PVOUT2
PVOUT2
PVOUT2
VFB2P
LOW NOISE
LDO ACTIVE
FILTER
3A
LOAD
+
–
+
–
–
+
VFB2N
AGND2
Figure 42. Differential Remote Sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com