Electronic Components Datasheet Search
  English  ▼

X  

ADP5003 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP5003
Description  Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5003 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP5003 Datasheet HTML 21Page - Analog Devices ADP5003 Datasheet HTML 22Page - Analog Devices ADP5003 Datasheet HTML 23Page - Analog Devices ADP5003 Datasheet HTML 24Page - Analog Devices ADP5003 Datasheet HTML 25Page - Analog Devices ADP5003 Datasheet HTML 26Page - Analog Devices ADP5003 Datasheet HTML 27Page - Analog Devices ADP5003 Datasheet HTML 28Page - Analog Devices ADP5003 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Data Sheet
ADP5003
Rev. A | Page 25 of 31
DESIGNING THE COMPENSATION NETWORK FOR
THE BUCK REGULATOR USING ADAPTIVE
HEADROOM CONTROL
Due to the addition of the adaptive headroom scheme in the
feedback loop, a lower bandwidth is required. Set the crossover
frequency, fC, to fSW/60. In this example, fSW is set to 600 kHz;
therefore, fC is set to 10 kHz.
kΩ
1.76
A/V
7
S
μ
600
2.5
kHz
10
F
μ
47
π
2
=
×
×
×
×
×
=
C
R
(
)
nF
15.2
kΩ
1.76
μF
47
Ω
0.001
Ω
0.433
=
×
+
=
C
C
pF
26.7
kΩ
1.76
μF
47
Ω
0.001
=
×
=
CP
C
Choose standard components: RC = 1.74 kΩ, CC = 22 nF,
CCP = 22 pF.
Figure 48 shows the load transient waveform.
CH1 1.00A
CH4 100mV
200µs
A CH3
1.38A
T
508µs
B
W
B
W
4
1
VPVOUT1
0.02A/µs
0.013A/µs
ILOAD1
Figure 48. 0.6 A to 2.4 A Load Transient for 2.5 V Output, fSW = 600 kHz,
L = 2.2 μH, RC = 1.74 kΩ, CC = 22 nF, CCP = 22 pF, CPVOUT1 = 47μF
SELECTING THE INPUT CAPACITOR FOR THE BUCK
REGULATOR USING ADAPTIVE HEADROOM
CONTROL
For the input capacitor, select a ceramic capacitor with a
minimum value of 10 µF. Place the input capacitor close to the
PVIN1 pin. In this example, one 10 µF, X5R, 25 V ceramic
capacitor is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com