Electronic Components Datasheet Search
  English  ▼

X  

TLV841 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV841
Description  TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV841 Datasheet(HTML) 4 Page - Texas Instruments

  TLV841 Datasheet HTML 1Page - Texas Instruments TLV841 Datasheet HTML 2Page - Texas Instruments TLV841 Datasheet HTML 3Page - Texas Instruments TLV841 Datasheet HTML 4Page - Texas Instruments TLV841 Datasheet HTML 5Page - Texas Instruments TLV841 Datasheet HTML 6Page - Texas Instruments TLV841 Datasheet HTML 7Page - Texas Instruments TLV841 Datasheet HTML 8Page - Texas Instruments TLV841 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
6 Pin Configuration and Functions
RESET / RESET
VDD
GND
SENSE
A1
A2
B1
B2
Figure 6-1. YBH 4-Pin DSBGA Package
(TLV841S)
Top View
VDD
GND
CT
A1
A2
B1
B2
RESET / RESET
Figure 6-2. YBH 4-Pin DSBGA Package
(TLV841C)
Top View
VDD
GND
MR
A1
A2
B1
B2
RESET / RESET
Figure 6-3. YBH 4-Pin DSBGA Package
(TLV841M)
Top View
Table 6-1. Pin Functions
PIN
I/O
DESCRIPTION
PIN NO.
TLV841S TLV841C TLV841M
A1
RESET
RESET
RESET
O
Active-Low Output Reset Signal for TLV841xxxL: This pin is driven logic low
when VDD and SENSE voltage falls below the negative voltage threshold (VIT-) or
when the MR voltage falls below the logic low threshold. RESET remains logic low
(asserted) until MR is above the logic high threshold or for the duration of the delay
time period (tD) after VDD or SENSE voltage rises above VIT- + VHYS
A1
RESET
RESET
RESET
O
Active-High Output Reset Signal for TLV841xxxH: This pin is driven logic high
when VDD or SENSE voltage falls below the negative voltage threshold (VIT-) or
when the MR voltage falls below the logic low threshold. RESET remains logic high
(asserted) until MR is above the logic high threshold or for the duration of the delay
time period (tD) after VDD or SENSE voltage rises above VIT- + VHYS
A2
VDD
VDD
VDD
I
Input Supply Voltage: The VDD pin connects to the power supply to power the
device. TLV841C and TLV841M monitor VDD voltage. TLV841S monitors SENSE
only. Good analog design practice recommends placing a minimum 0.1 µF ceramic
capacitor as near as possible to the VDD pin.
B1
SENSE
_
_
I
SENSE pin: This pin is connected to the voltage to be monitored. When the voltage
on SENSE falls below the negative threshold voltage VIT-, reset asserts. When the
voltage on SENSE rises above the positive threshold voltage (VIT- + VHYS), reset
deasserts. For noisy applications, placing a 10 nF to 100 nF ceramic capacitor close
to this pin may be needed for optimum performance.
B1
_
CT
_
I
Capacitor Time Delay Pin: The CT pin offers a user-programmable reset deassert
delay time. Connect an external capacitor on this pin to adjust time delay. When not
in use leave pin floating for the smallest fixed time delay.
B1
_
_
MR
I
Manual Reset: Pull this pin to a logic low to assert a reset signal in the RESET
output pin (RESET signal for DL and PL option). After MR pin is left floating or pulls
to logic high, the RESET output deasserts to the nominal state after the reset delay
time (tD)expires. If unused, the pin can be left floating or connected to VDD.
B2
GND
GND
GND
_
Ground
TLV841
SLVSFO5C – APRIL 2020 – REVISED JULY 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV841



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com