Electronic Components Datasheet Search
  English  ▼

X  

TLV841 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV841
Description  TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV841 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV841 Datasheet HTML 3Page - Texas Instruments TLV841 Datasheet HTML 4Page - Texas Instruments TLV841 Datasheet HTML 5Page - Texas Instruments TLV841 Datasheet HTML 6Page - Texas Instruments TLV841 Datasheet HTML 7Page - Texas Instruments TLV841 Datasheet HTML 8Page - Texas Instruments TLV841 Datasheet HTML 9Page - Texas Instruments TLV841 Datasheet HTML 10Page - Texas Instruments TLV841 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7.5 Electrical Characteristics
At VDDMIN ≤ VDD ≤ 5.5 V, CT = MR = Open, RESET/RESET pull-up resistor Rpull-up (3) = 100 kΩ to VDD, output reset load
CLOAD = 10 pF and over the operating free-air temperature range –40℃ to 125℃, unless otherwise noted. Typical values are
at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
COMMON PARAMETERS
VADJ-VIT–
Negative-going input threshold for
TLV841Sxxx01 ADJ version
0.505
V
VIT–
Negative-going input threshold range
Fixed threshold version (1)
0.8
4.9
V
VIT–_ACC Negative-going input threshold accuracy
VIT– = 0.505 V (TLV841Sxx01) or 0.8 V to 1.7 V
(Fixed threshold)
-2.5
±0.5
2.5
%
VIT– = 1.8 V to 4.9 V (Fixed threshold)
-2
±0.5
2
VHYS
Hysteresis on VIT– pin
VIT– = 0.505 V and 0.8 V
3
5
8
%
VIT– = 0.9 V to 4.9 V
3
5
7
VPOR
Power on reset voltage (2)
TLV841xxxLxx
VOL(MAX) = 300 mV
IRESET(Sink) = 15 µA
700
mV
TLV841xxxHxx
VOH(MIN) = 0.8VDD
IRESET(Source) = 15 µA
900
VOL
Low level output voltage
VDD = 0.85 V
IRESET(Sink) = 15 µA
IRESET(Sink) = 15 µA
300
mV
VDD = 3.3 V
IRESET(Sink) = 2 mA
IRESET(Sink) = 2 mA
300
mV
VDD = 5.5 V
IRESET(Sink) = 2 mA
IRESET(Sink) = 2 mA
300
mV
VOH
High level output voltage
VDD = 1 V
IRESET(Source) = 15 µA
IRESET(Source) = 15 µA
0.8VDD
V
VDD = 1.8 V
IRESET(Source) = 500 µA
IRESET(Source) = 500 µA
0.8VDD
V
VDD ≥ 3.3 V
IRESET(Source) = 2 mA
IRESET(Source) = 2 mA
0.8VDD
V
Ilkg(OD)
Open-Drain output leakage current
VDD = VPULLUP = 5.5 V
TA = –40℃ to 85℃
10
100
nA
10
350
IDD
Supply current into
VDD pin
Supply current
into VDD pin
VDD = 5.5 V
VIT– = 1.9 V to 4.9 V
0.125
1
µA
www.ti.com
TLV841
SLVSFO5C – APRIL 2020 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TLV841



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com