Electronic Components Datasheet Search
  English  ▼

X  

TLV841 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV841
Description  TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV841 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV841 Datasheet HTML 4Page - Texas Instruments TLV841 Datasheet HTML 5Page - Texas Instruments TLV841 Datasheet HTML 6Page - Texas Instruments TLV841 Datasheet HTML 7Page - Texas Instruments TLV841 Datasheet HTML 8Page - Texas Instruments TLV841 Datasheet HTML 9Page - Texas Instruments TLV841 Datasheet HTML 10Page - Texas Instruments TLV841 Datasheet HTML 11Page - Texas Instruments TLV841 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
7.5 Electrical Characteristics (continued)
At VDDMIN ≤ VDD ≤ 5.5 V, CT = MR = Open, RESET/RESET pull-up resistor Rpull-up (3) = 100 kΩ to VDD, output reset load
CLOAD = 10 pF and over the operating free-air temperature range –40℃ to 125℃, unless otherwise noted. Typical values are
at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
TLV841S
ISENSE
Current into SENSE pin, fixed threshold
variant
VDD = VSENSE = 5.5 V
VIT– = 0.8 V to 4.9 V
0.025
0.1
µA
Current into SENSE pin, ADJ variant
VDD = VSENSE = 5.5 V
VIT– = 0.505 V
0.025
0.05
TLV841M
VMR_L
Manual reset logic low input
0.3VDD
V
VMR_H
Manual reset logic high input
0.7VDD
V
RMR
Manual reset internal pull-up resistance
100
kΩ
TLV841C
RCT
CT pin internal resistance
410
500
590
kΩ
(1)
VIT- threshold voltage range from 0.8 V to 4.9 V (for DL, PL, DH) and 1 V to 4.9 V (for PH) in 100 mV steps, for released versions see
Device Voltage Thresholds table.
(2)
VPOR is the minimum VDD voltage level for a controlled output state.
(3)
Pull up resistance applicable for open drain variants
TLV841
SLVSFO5C – APRIL 2020 – REVISED JULY 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV841



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com