Electronic Components Datasheet Search
  English  ▼

X  

TLV841 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV841
Description  TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV841 Datasheet(HTML) 1 Page - Texas Instruments

  TLV841 Datasheet HTML 1Page - Texas Instruments TLV841 Datasheet HTML 2Page - Texas Instruments TLV841 Datasheet HTML 3Page - Texas Instruments TLV841 Datasheet HTML 4Page - Texas Instruments TLV841 Datasheet HTML 5Page - Texas Instruments TLV841 Datasheet HTML 6Page - Texas Instruments TLV841 Datasheet HTML 7Page - Texas Instruments TLV841 Datasheet HTML 8Page - Texas Instruments TLV841 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
1 Features
Designed for high performance:
• Nano quiescent current: 125 nA (typical)
• High threshold accuracy: ±0.5% (typical)
• Built-in precision hysteresis (VHYS): 5% (typical)
Designed for a wide range of applications:
• Operating voltage range: 0.7 V to 5.5 V
• Adjustable threshold voltage: 0.505 V (typical)
• Fixed (VIT-) voltage: 0.8 V to 4.9 V in 0.1 V steps
• Separate SENSE pin (TLV841S)
• Active-low manual reset (MR) (TLV841M)
• Push-button monitoring for TLV841 (S/M variants)
• Reset time delay (tD): Capacitor-based
programmable (TLV841C)
– Min time delay: 40 µs (typical) without capacitor
• Reset time delay (tD): Fixed time delay options
(TLV841M and TLV841S)
– 40 μs, 2 ms, 10 ms, 30 ms, 50 ms, 80 ms,
100 ms, 150 ms, 200 ms
• Temperature range: –40°C to +125°C
Multiple output topologies, package type:
• TLV841xxDL: open-drain, active-low (RESET)
• TLV841xxPL: push-pull, active-low (RESET)
• TLV841xxDH: open-drain, active-high (RESET)
• TLV841xxPH: push-pull, active-high (RESET)
• Package: 0.73-mm x 0.73-mm DSBGA
2 Applications
• Personal electronics including wearables and
hearing devices
• Home theater and entertainment
• Electronic point of sale
• Grid infrastructure
• Data center and enterprise computing
3 Description
TLV841 is a nano power, precision voltage supervisor
with ±0.5% threshold accuracy in an ultra small
DSBGA package. The TLV841 offers three pinout
variants (S, M, C) to provide many unique options
in the smallest total solution size in its class. Built-
in hysteresis along with fixed or programmable
(TLV841C) reset delay prevent false reset signals
when monitoring a voltage rail or push button signals.
On active-low outputs of TLV841S, increasing the
voltage threshold hysteresis can be achieved by
adding an external resistor between the SENSE and
RESET pins. TLV841 with its precision performance,
low power consumption, and best in-class features
in the smallest compact form factor, offers an ideal
solution for wide range battery powered applications
such as personal and consumer products.
The separate VDD and SENSE (TLV841S) pins allow
for the redundancy sought by high-reliability systems.
SENSE is decoupled from VDD and can monitor rail
voltages other than VDD or can be used as a push-
button input. Optional use of external resistors are
supported by the high impedance input of the SENSE
pin. TLV841S offers fixed reset delay timing options
with no need of an external capacitor. TLV841C
allows programmable reset time delay including a
minimum delay when the CT pin is left floating.
TLV841M offers a separate manual reset (MR) pin to
force a reset condition with an external signal or be
used as a push button input. TLV841M can be setup
for VDD and MR pin monitoring to create a simple
two-channel supervisor solution. TLV841 operates
over a temperature range of -40°C to +125°C (TA).
Device Information
PART NUMBER
PACKAGE (1)
BODY SIZE (NOM)
TLV841
DSBGA (4)
0.73 mm × 0.73 mm
(1)
For package details, see the mechanical drawing addendum
at the end of the data sheet.
TLV841SADL01
VDD
GND
Microcontroller
VDD
0.7 V to 5.5 V
LDO
SENSE
IN
OUT
*Rpu
*Rpu only for TLV841xxDx
RESET
RESET
Typical Application Circuit
VDD (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
0.2
0.4
0.6
0.8
1
-40oC
25oC
125oC
Typical Supply Current
TLV841
SLVSFO5C – APRIL 2020 – REVISED JULY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV841

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV841 TI-TLV841 Datasheet
1Mb / 33P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
TLV841 TI-TLV841 Datasheet
2Mb / 35P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
JULY 2021
TLV841 TI2-TLV841 Datasheet
1Mb / 32P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
REVISED FEBRUARY 2026
TLV841MAPL35YBHR TI2-TLV841MAPL35YBHR Datasheet
1Mb / 32P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
REVISED FEBRUARY 2026
TLV841SADL01YBHR TI-TLV841SADL01YBHR Datasheet
2Mb / 35P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
JULY 2021
More results

Similar Description - TLV841

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61046 TI-TPS61046_15 Datasheet
923Kb / 25P
TPS61046 28-V Output Voltage Boost Converter in WCSP Package
TLV7081 TI1-TLV7081 Datasheet
409Kb / 18P
Nano-Power, Small-Size, Low-Voltage Comparator
TLV7081 TI1-TLV7081_18 Datasheet
1Mb / 22P
Nano-Power, 4-Bump WCSP, Small-Size Comparator
TPS3840 TI1-TPS3840 Datasheet
857Kb / 31P
Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
TPS3840-Q1 TI1-TPS3840-Q1 Datasheet
987Kb / 34P
Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
TLV841 TI-TLV841 Datasheet
1Mb / 33P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
TLV840-Q1 TI-TLV840-Q1_V01 Datasheet
2Mb / 32P
TLV840-Q1 Nano-Power Voltage Supervisor with Adjustable Reset Time Delay
TLV841 TI-TLV841_V02 Datasheet
2Mb / 35P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
JULY 2021
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
A4812 AITSEMI-A4812 Datasheet
363Kb / 6P
SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH PRECISION PROGRAMMABLE VOLTAGE DETECTOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com