Electronic Components Datasheet Search
  English  ▼

X  

TLV841 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV841
Description  TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV841 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV841 Datasheet HTML 17Page - Texas Instruments TLV841 Datasheet HTML 18Page - Texas Instruments TLV841 Datasheet HTML 19Page - Texas Instruments TLV841 Datasheet HTML 20Page - Texas Instruments TLV841 Datasheet HTML 21Page - Texas Instruments TLV841 Datasheet HTML 22Page - Texas Instruments TLV841 Datasheet HTML 23Page - Texas Instruments TLV841 Datasheet HTML 24Page - Texas Instruments TLV841 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
9.2.2 Detailed Design Procedure
The TLV841SADL01 can monitor any voltage above 0.505 V using an external voltage divider. This device has
a negative going input threshold voltage of 0.505 V; however, the design needs to assert a reset when VDD
drops below 2.90 V. By using a resistor divider (R1 = 47.5 kΩ, R2 = 10 kΩ) the negative going threshold voltage
becomes 2.90 V. The device's positive going voltage threshold is VIT- + VHYS. The typical VHYS is 25 mV. This
in combination with the resistor divider makes the design's positive going threshold voltage equal to 3.05 V. If
VDD falls below 2.90 V, RESET will assert. If VDD rises above 3.05 V, RESET will deassert. See Figure 9-2 for a
timing diagram detailing the voltage levels and reset assertion/deassertion conditions.
RESET
tD-HL
SENSE
tD
VIT- = 2.90V
3.3 V
VIT- + VHYS = 3.05V
Push-bu on
input
tD-HL
tD
Figure 9-2. Design 1 Timing Diagram
This design will also enter a reset condition when the "push-button input" is asserted. The push-button is tied
to ground and when pressed will drop the SENSE voltage to 0 V, making the device assert a reset. As a good
analog practice, a 0.1 µF capacitor was also placed on VDD.
The desired reset timing conditions are sense propagation delay time (tP_HL of 25 μs (how long it takes to assert
RESET) and a reset delay time of 40 μs (how long it takes to deassert RESET). TLV841EVM Propagation Delay
Time Delay (tD_HL) and TLV841EVM RESET Time Delay (tD) are the results of the described application where
the measured propagation delay and reset delay time are shown respectively.
For the requirement of a maximum output current, an external pull-up resistor needs to be selected so that the
current through the external pull-up resistor exceeds no more than 150 µA. When the reset output is low, the
voltage drop across the external pull-up resistor is equal to VDD. Ohm’s law is used to calculate the minimum
resistor value. The resistor needs to be greater than 22 kΩ in order to pull less than 150 µA in the reset asserted
low condition. A resistor value of 30.1 kΩ was selected to accomplish this.
Note that this design does not account for tolerances.
www.ti.com
TLV841
SLVSFO5C – APRIL 2020 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV841



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com