Electronic Components Datasheet Search
  English  ▼

X  

TLV841 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV841
Description  TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV841 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV841 Datasheet HTML 9Page - Texas Instruments TLV841 Datasheet HTML 10Page - Texas Instruments TLV841 Datasheet HTML 11Page - Texas Instruments TLV841 Datasheet HTML 12Page - Texas Instruments TLV841 Datasheet HTML 13Page - Texas Instruments TLV841 Datasheet HTML 14Page - Texas Instruments TLV841 Datasheet HTML 15Page - Texas Instruments TLV841 Datasheet HTML 16Page - Texas Instruments TLV841 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
8 Detailed Description
8.1 Overview
The TLV841 is a family of very small, accurate, nano-quiescent current voltage supervisors with fixed threshold
voltages. TLV841S features a separate SENSE pin for adjustable voltage threshold without losing accuracy,
TLV841C features a programable reset time delay using external capacitor, and TLV841M features an active-low
manual reset (MR). The TLV841 family provide ±0.5% typical monitor threshold accuracy with hysteresis and
glitch immunity.
The adjustable variant of TLV841S has an internal reference voltage of 0.505 V and can be used to accurately
monitor any voltage above 0.505 V within the recommended operating conditions. In addition to the adjustable
threshold variant, fixed negative threshold voltages (VIT-) can be factory set from 0.8 V to 4.9 V in 100 mV steps
(see Table 12-2 for available options). TLV841 is available in a very small (0.73 mm x 0.73 mm) 4-pin BGA
package.
8.2 Functional Block Diagram
+
–
Reference
GND
SENSE
(TLV841S)
RESET (TLV841xxxL)
GND
VDD
RESET
LOGIC
TIMER
CT
(TLV841C)
Push-pull
(TLV841xxPx)
RCT
MR
(TLV841M)
RMR
VDD
VDD
RESET (TLV841xxxH)
(TLV841M,
TLV841C)
VDD
Fixed
ADJ
TLV841S
VDD
8.3 Feature Description
8.3.1 Input Voltage (VDD)
For TLV841C and TLV841M, the VDD pin is monitored by the internal comparator to indicate when VDD falls
below the fixed threshold voltage. For TLV841S, the SENSE pin is monitored by the internal comparator. VDD
also functions as the supply for the internal bandgap, internal regulator, state machine, buffers and other control
logic blocks. Good design practice involve placing a 0.1 μF to 1 μF bypass capacitor at VDD input for noisy
applications to ensure enough charge is available for the device to power up correctly.
www.ti.com
TLV841
SLVSFO5C – APRIL 2020 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV841



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com