Electronic Components Datasheet Search
  English  ▼

X  

TLV841 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV841
Description  TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV841 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV841 Datasheet HTML 5Page - Texas Instruments TLV841 Datasheet HTML 6Page - Texas Instruments TLV841 Datasheet HTML 7Page - Texas Instruments TLV841 Datasheet HTML 8Page - Texas Instruments TLV841 Datasheet HTML 9Page - Texas Instruments TLV841 Datasheet HTML 10Page - Texas Instruments TLV841 Datasheet HTML 11Page - Texas Instruments TLV841 Datasheet HTML 12Page - Texas Instruments TLV841 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
7.6 Timing Requirements
At VDDMIN ≤ VDD ≤ 5.5 V, CT = MR = Open, RESET pull-up resistor Rpull-up = 100 kΩ to VDD, output load is CLOAD = 10 pF
and over the operating free-air temperature range –40°C to 125°C, unless otherwise noted. Typical values are at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tP_HL
Propagation detect delay for VDD falling
below VIT–
VDD = (VIT+ + 10%) to (VIT– – 10%) (2)
30
50
µs
tD
Reset time delay (TLV841C variant)
CT pin = Open or NC
40
80
µs
CT pin = 10 nF
6.2
ms
CT pin = 1 µF
619
ms
tD
Reset time delay (TLV841S and TLV841M
variant) (5)
Variant A (3)
40
80
µs
Variant B (3)
2
ms
Variant C (3)
10
ms
Variant D (3)
30
ms
Variant E (3)
50
ms
Variant F (3)
80
ms
Variant G (3)
100
ms
Variant H (3)
150
ms
Variant I (3)
200
ms
tGI_VIT– Glitch immunity VIT–
5% VIT– overdrive (4)
10
µs
tSTRT
Startup Delay (1)
300
µs
tMR_RES Propagation delay from MR low to reset
VDD = 3.3 V, MR < VMR_L
tP_HL
µs
tMR_tD
Delay from release MR to deassert reset
VDD = 3.3 V,
MR = VMR_L to VMR_H
tD
ms
tMR_PW Glitch immunity MR pin
10
µs
(1)
When VDD starts from less than the specified minimum VDD and then exceeds VPOR, reset is release after the startup delay (tSTRT).
For TLV841C variants a capacitor at CT pin will add tD delay to tSTRT time
(2)
tP_HL measured from threhold trip point (VIT–) to VOL for active low variants and VOH for active high variants.
(3)
Refer device nomenclature table for variant description. VDD transition from VIT– – 10% to VIT+ + 10% for TLV841M and TLV841C;
VSENSE transition from VIT– – 10% to VIT+ + 10% for TLV841S
(4)
Overdrive % = [(VDD/ VIT–) – 1] × 100% for TLV841M and TLV841C; Overdrive % = [(VSENSE/ VIT–) – 1] × 100% for TLV841S
(5)
Specified by design and characterization
www.ti.com
TLV841
SLVSFO5C – APRIL 2020 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TLV841



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com