Electronic Components Datasheet Search
  English  ▼

X  

ATA6563 Datasheet(PDF) 29 Page - Microchip Technology

Part # ATA6563
Description  High-Speed CAN Transceiver with Standby Mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA6563 Datasheet(HTML) 29 Page - Microchip Technology

Back Button ATA6563 Datasheet HTML 24Page - Microchip Technology ATA6563 Datasheet HTML 25Page - Microchip Technology ATA6563 Datasheet HTML 26Page - Microchip Technology ATA6563 Datasheet HTML 27Page - Microchip Technology ATA6563 Datasheet HTML 28Page - Microchip Technology ATA6563 Datasheet HTML 29Page - Microchip Technology ATA6563 Datasheet HTML 30Page - Microchip Technology ATA6563 Datasheet HTML 31Page - Microchip Technology ATA6563 Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
2017-2021 Microchip Technology Inc. and its subsidiaries
DS20005790E-page 29
ATA6562/3
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Examples:
a) ATA6562-GAQW0:
ATA6562, 8-Lead SOIC,
Tape and Reel, Package
according to RoHS,
Temperature Grade 0
b) ATA6562-GAQW1:
ATA6562, 8-Lead SOIC,
Tape and Reel, Package
according to RoHS,
Temperature Grade 1
c) ATA6562-GBQW0:
ATA6562, 8-Lead VDFN,
Tape and Reel, Package
according to RoHS,
Temperature Grade 0
d) ATA6562-GBQW1:
ATA6562, 8-Lead VDFN,
Tape and Reel, Package
according to RoHS,
Temperature Grade 1
e) ATA6563-GAQW0:
ATA6563, 8-Lead SOIC,
Tape and Reel, Package
according to RoHS,
Temperature Grade 0
f) ATA6563-GAQW1:
ATA6563, 8-Lead SOIC,
Tape and Reel, Package
according to RoHS,
Temperature Grade 1
f) ATA6563-GBQW0:
ATA6563, 8-Lead VDFN,
Tape and Reel, Package
according to RoHS,
Temperature Grade 0
g
ATA6563-GBQW1:
ATA6563, 8-Lead VDFN,
Tape and Reel, Package
according to RoHS,
Temperature Grade 1
PART NO.
X
Package directives
Device
Device:
ATA6562:
High-speed CAN Transceiver with Standby
and Silent Mode CAN FD Ready
ATA6563:
High-speed CAN Transceiver with Standby
Mode and VIO-pin CAN FD Ready
Package:
GA
=
8-Lead SOIC
GB
=
8-Lead VDFN
Tape and Reel
Option:
Q
=
330 mm diameter Tape and Reel
Package
directives
classification:
W
=
Package according to RoHS(2)
Temperature
Range:
0
=
Temperature Grade 0 (-40°C to +150°C)
1
=
Temperature Grade 1 (-40°C to +125°C)
XX
Package
X
Temperature
Range
[X](1)
Tape and Reel
Option
classification
Note 1: Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check with
your Microchip Sales Office for package
availability with the Tape and Reel option.
2: RoHS compliant, Maximum concentration
value of 0.09% (900 ppm) for Bromine (Br)
and Chlorine (Cl) and less than 0.15% (1500
ppm) total Bromine (Br) and Chlorine (Cl) in
any homogeneous material. Maximum
concentration value of 0.09% (900 ppm) for
Antimony (Sb) in any homogeneous material.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com