Electronic Components Datasheet Search
  English  ▼

X  

ATA6563 Datasheet(PDF) 11 Page - Microchip Technology

Part # ATA6563
Description  High-Speed CAN Transceiver with Standby Mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA6563 Datasheet(HTML) 11 Page - Microchip Technology

Back Button ATA6563 Datasheet HTML 7Page - Microchip Technology ATA6563 Datasheet HTML 8Page - Microchip Technology ATA6563 Datasheet HTML 9Page - Microchip Technology ATA6563 Datasheet HTML 10Page - Microchip Technology ATA6563 Datasheet HTML 11Page - Microchip Technology ATA6563 Datasheet HTML 12Page - Microchip Technology ATA6563 Datasheet HTML 13Page - Microchip Technology ATA6563 Datasheet HTML 14Page - Microchip Technology ATA6563 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
2017-2021 Microchip Technology Inc. and its subsidiaries
DS20005790E-page 11
ATA6562/3
2.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
DC Voltage at CANH, CANL (VCANH, VCANL) ................................................................................................–27 to +42V
Transient Voltage at CANH, CANL (according to ISO 7637 part 2) (VCANH, VCANL) .................................–150 to +100V
Max. Differential Bus Voltage (VDiff).................................................................................................................–5 to +18V
DC Voltage on all other Pins (VX) ................................................................................................................–0.3 to +5.5V
ESD according to IBEE CAN EMC - Test Specification Following IEC 61000-4-2 - Pin CANH, CANL ..................±8 kV
ESD (HBM Following STM5.1 with 1.5 kΩ/100 pF) - Pins CANH, CANL to GND....................................................±6 kV
Component Level ESD (HBM according to ANSI/ESD STM5.1, JESD22-A114, AEC-Q100 (002) ........................ ±4 kV
CDM ESD STM 5.3.1..............................................................................................................................................±750V
ESD Machine Model AEC-Q100-RevF(003)...........................................................................................................±200V
Virtual Junction Temperature (TvJ)............................................................................................................. –40 to +175°C
Storage Temperature Range (Tstg).........................................................................................................-55°C to +150°C
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated in
the operation listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: The values below are valid for each of the two identical integrated CAN transceivers.
Grade 1: Tamb = -40°C to +125°C and Grade 0: Tamb = -40°C to +150°C; TvJ  170°C; VVCC = 4.5V to 5.5V; RL = 60Ω,
CL = 100 pF unless specified otherwise; all voltages are defined in relation to ground; positive currents flow into the IC.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Supply, Pin VCC
Supply Voltage
VVCC
4.5
—
5.5
V
Supply Current in Silent Mode
IVCC_sil
1.9
2.5
3.2
mA
Silent mode, VTXD = VVIO
Supply Current in Normal
Mode
IVCC_rec
2
—
5
mA
Recessive, VTXD = VVIO
IVCC_dom
30
50
70
mA
Dominant, VTXD = 0V
IVCC_short
—
—
85
mA
Short between CANH and CANL
(
Note 1)
Supply Current in Standby
Mode
IVCC_STBY
—
—
12
µA
VCC = VIO,
VTXD = VNSIL = VVIO
—
7
—
µA
Ta = 25°C (Note 3)
Undervoltage Detection
Threshold on Pin VCC
Vuvd(VCC)
2.75
—
4.5
V
I/O Level Adapter Supply, Pin VIO (only with the ATA6563)
Supply Voltage on Pin VIO
VVIO
2.8
—
5.5
V
Supply Current on Pin VIO
IVIO_rec
10
80
250
µA
Normal and Silent mode
Recessive, VTXD = VVIO
IVIO_dom
50
350
500
µA
Normal and Silent mode
Dominant, VTXD = 0V
IVIO_STBY
—
—
1
µA
Standby mode
Undervoltage Detection
Threshold on Pin VIO
Vuvd(VIO)
1.3
—
2.7
V
Note 1: 100% correlation tested
2: Characterized on samples
3: Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com