Electronic Components Datasheet Search
  English  ▼

X  

ATA6563 Datasheet(PDF) 4 Page - Microchip Technology

Part # ATA6563
Description  High-Speed CAN Transceiver with Standby Mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA6563 Datasheet(HTML) 4 Page - Microchip Technology

  ATA6563 Datasheet HTML 1Page - Microchip Technology ATA6563 Datasheet HTML 2Page - Microchip Technology ATA6563 Datasheet HTML 3Page - Microchip Technology ATA6563 Datasheet HTML 4Page - Microchip Technology ATA6563 Datasheet HTML 5Page - Microchip Technology ATA6563 Datasheet HTML 6Page - Microchip Technology ATA6563 Datasheet HTML 7Page - Microchip Technology ATA6563 Datasheet HTML 8Page - Microchip Technology ATA6563 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ATA6562/3
DS20005790E-page 4
2017-2021 Microchip Technology Inc. and its subsidiaries
1.0
FUNCTIONAL DESCRIPTION
The ATA6562/3 is a stand-alone dual high-speed CAN
transceiver compliant with the ISO 11898-2, ISO
11898-2: 2016, ISO 11898-5 and SAE J2962-2 CAN
standards. It provides a very low current consumption
in Standby mode and wake-up capability via the CAN
bus. There are two versions available, only differing in
the function of pin 5:
• ATA6562: The pin 5 is the control input for Silent
mode NSIL, allowing the ATA6562 to only receive
data but not send data via the bus. The output
driver stage is disabled. The VIO line and the
VCC line are internally connected, this sets the
signal levels of the TXD, RXD, STBY, and NSIL
pins to levels compatible with 5V microcontrollers.
• ATA6563: The pin 5 is the VIO pin and should be
connected to the microcontroller supply voltage.
This allows direct interfacing to microcontrollers
with supply voltages down to 3V and adjusts the
signal levels of the TXD, RXD, and STBY pins to
the I/O levels of the microcontroller. The I/O ports
are supplied by the VIO pin.
1.1
Operating Modes
Each of the transceivers supports three operating
modes: Unpowered, Standby and Normal. The
ATA6562 additionally has the Silent mode. These
modes can be selected via the STBY and NSIL pin.
See Figure 1-1 and Table 1-1 for a description of the
operating modes.
FIGURE 1-1:
OPERATING MODES
TABLE 1-1:
OPERATING MODES
Mode
Inputs
Outputs
STBY
NSIL
Pin TXD
CAN Driver
Pin RXD
Unpowered
X(3)
X(3)
X(3)
Recessive
Recessive
Standby
HIGH
X(3)
X(3)
Recessive
Active(4)
Silent (only for ATA6562)
LOW
LOW
X(3)
Recessive
Active(1)
Normal
LOW
HIGH(2)
LOW
Dominant
LOW
LOW
HIGH(2)
HIGH
Recessive
HIGH
Note 1: LOW if the CAN bus is dominant, HIGH if the CAN bus is recessive.
2: Internally pulled up if not bonded out.
3: Irrelevant
4: Reflects the bus only for wake-up
Note: For the ATA6563 NSIL is internally set to “1”.
Unpowered
Mode
Standby
Mode
VCC < Vuvd(VCC)
VCC < Vuvd(VCC)
Silent
Mode
VCC > Vuvd(VCC)
VCC < Vuvd(VCC)
STBY = 1
STBY = 0 and
(NSIL = 0 or
TXD = 0)
Normal
Mode
STBY = 0 and
NSIL = 1 and
TXD = 1 and
Error = 0
STBY = 1
NSIL = 1 and TXD = 1 and Error = 0
NSIL = 0 or Error = 1
ATA6562
Unpowered
Mode
Standby
Mode
VCC <Vuvd(VCC) or
VIO <Vuvd(VIO)
Silent
Mode *
STBY = 1
STBY = 0 and
TXD = 0
Normal
Mode
STBY = 0 and
TXD = 1 and
Error = 0
STBY = 1
TXD = 1 and Error = 0
Error = 1
ATA6563
VCC <Vuvd(VCC) or
VIO <Vuvd(VIO)
VCC <Vuvd(VCC) or
VIO <Vuvd(VIO)
VCC >Vuvd(VCC) or
VIO >Vuvd(VIO)
* Silent
ode is externally not accessible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com