Electronic Components Datasheet Search
  English  ▼

X  

ATA6563 Datasheet(PDF) 14 Page - Microchip Technology

Part # ATA6563
Description  High-Speed CAN Transceiver with Standby Mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA6563 Datasheet(HTML) 14 Page - Microchip Technology

Back Button ATA6563 Datasheet HTML 10Page - Microchip Technology ATA6563 Datasheet HTML 11Page - Microchip Technology ATA6563 Datasheet HTML 12Page - Microchip Technology ATA6563 Datasheet HTML 13Page - Microchip Technology ATA6563 Datasheet HTML 14Page - Microchip Technology ATA6563 Datasheet HTML 15Page - Microchip Technology ATA6563 Datasheet HTML 16Page - Microchip Technology ATA6563 Datasheet HTML 17Page - Microchip Technology ATA6563 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ATA6562/3
DS20005790E-page 14
2017-2021 Microchip Technology Inc. and its subsidiaries
Differential Bus Voltage
Range for RECESSIVE State
Detection
VDiff_rec
–3
—
+0.5
V
Normal and Silent mode (HSC)
–27V ≤ VCANH ≤ +27V,
–27V ≤ VCANL ≤ +27V (Note 3)
–3
—
+0.4
V
Standby mode (WUC)
–27V ≤ VCANH ≤ +27V,
–27V ≤ VCANL ≤ +27V(Note 3)
Differential Bus Voltage
Range for DOMINANT State
Detection
VDiff_dom
0.9
—
8.0
V
Normal and Silent mode (HSC)
–27V ≤ VCANH ≤ +27V,
–27V ≤ VCANL ≤ +27V (Note 3)
1.15
—
8.0
V
Standby mode (WUC)
–27V ≤ VCANH ≤ +27V,
–27V ≤ VCANL ≤ +27V (Note 3)
Transceiver Timing, Pins CANH, CANL, TXD, and RXD, see Figure 2-1 and Figure 2-3
Delay Time from TXD to Bus
Dominant
td(TXD-busdom)
40
—
130
ns
Normal mode (
Note 2)
Delay Time from TXD to Bus
Recessive
td(TXD-busrec)
40
—
130
ns
Normal mode (
Note 2)
Delay Time from Bus
Dominant to RXD
td(busdom-RXD)
20
—
100
ns
Normal mode (
Note 2)
Delay Time from Bus
Recessive to RXD
td(busrec-RXD)
20
—
100
ns
Normal mode (
Note 2)
Propagation Delay from TXD
to RXD
tPD(TXD-RXD)
40
—
210
ns
Normal mode, Rising edge at pin
TXD
RL = 60Ω, CL = 100 pF
40
—
200
ns
Normal mode, Falling edge at pin
TXD
RL = 60Ω, CL = 100 pF
—
—
300
ns
Normal mode, Rising edge at pin
TXD
RL = 150Ω, CL = 100 pF (Note 3)
—
—
300
ns
Normal mode, Falling edge at pin
TXD
RL = 150Ω, CL = 100pF (Note 3)
TXD Dominant Time-Out Time
tto(dom)TXD
0.8
—
3
ms
VTXD = 0V, Normal mode
Bus Wake-up Time-Out Time
tWake
0.8
—
3
ms
Standby mode
Min. Dominant/Recessive Bus
Wake-up Time
tFilter
0.5
3
3.8
µs
Standby mode
Delay Time for Standby Mode
to Normal Mode Transition
tdel(stby-norm)
—
—
47
µs
Falling edge at pin STBY
Delay Time for Normal Mode
to Standby Mode Transition
tdel(norm-stby)
—
—
5
µs
Rising edge at pin STBY (
Note 3)
Delay Time for Normal Mode
to Silent Mode Transition
tdel(norm-sil)
—
—
10
µs
Falling edge at pin NSIL
STBY = LOW (
Note 3)
Delay time for Silent Mode to
Normal Mode Transition
tdel(sil-norm)
—
—
10
µs
Rising edge at pin NSIL
STBY = LOW (
Note 3)
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: The values below are valid for each of the two identical integrated CAN transceivers.
Grade 1: Tamb = -40°C to +125°C and Grade 0: Tamb = -40°C to +150°C; TvJ  170°C; VVCC = 4.5V to 5.5V; RL = 60Ω,
CL = 100 pF unless specified otherwise; all voltages are defined in relation to ground; positive currents flow into the IC.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1: 100% correlation tested
2: Characterized on samples
3: Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com