Electronic Components Datasheet Search
  English  ▼

X  

ATA6563 Datasheet(PDF) 12 Page - Microchip Technology

Part # ATA6563
Description  High-Speed CAN Transceiver with Standby Mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA6563 Datasheet(HTML) 12 Page - Microchip Technology

Back Button ATA6563 Datasheet HTML 8Page - Microchip Technology ATA6563 Datasheet HTML 9Page - Microchip Technology ATA6563 Datasheet HTML 10Page - Microchip Technology ATA6563 Datasheet HTML 11Page - Microchip Technology ATA6563 Datasheet HTML 12Page - Microchip Technology ATA6563 Datasheet HTML 13Page - Microchip Technology ATA6563 Datasheet HTML 14Page - Microchip Technology ATA6563 Datasheet HTML 15Page - Microchip Technology ATA6563 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ATA6562/3
DS20005790E-page 12
2017-2021 Microchip Technology Inc. and its subsidiaries
Mode Control Input, Pin NSIL and STBY
High-Level Input Voltage
VIH
0.7
VVIO
—
VVIO
+0.3
V
Low-Level Input Voltage
VIL
–0.3
—
0.3
VVIO
V
Pull-Up Resistor to VCC
Rpu
75
125
175
kΩ
VSTBY = 0V, VNSIL = 0V
High-Level Leakage Current
IL
–2
—
+2
µA
VSTBY = VVIO, VNSIL = VVIO
CAN Transmit Data Input, Pin TXD
High-Level Input Voltage
VIH
0.7
VVIO
—
VVIO
+0.3
V
Low-Level Input Voltage
VIL
–0.3
—
0.3
VVIO
V
Pull-Up Resistor to VCC
RTXD
20
35
50
kΩ
VTXD = 0V
High-Level Leakage Current
ITXD
–2
—
+2
µA
Normal mode, VTXD = VVIO
Input Capacitance
CTXD
—
5
10
pF
Note 3
CAN Receive Data Output, Pin RXD
High-Level Output Current
IOH
–8
—
–1
mA
Normal mode,
VRXD = VVIO – 0.4V, VVIO = VVCC
Low-Level Output Current,
Bus Dominant
IOL
2
—
12
mA
Normal mode,
VRXD = 0.4V, Bus Dominant
Bus Lines, Pins CANH and CANL
Single Ended Dominant
Output Voltage
VO(dom)
2.75
3.5
4.5
V
VTXD = 0V, t < tto(dom)TXD
RL = 50Ω to 65Ω
pin CANH (
Note 1)
0.5
1.5
2.25
V
VTXD = 0V, t < tto(dom)TXD
RL = 50Ω to 65Ω
pin CANL (
Note 1)
Transmitter Voltage Symmetry
VSym
0.9
1.0
1.1
—
VSym = (VCANH + VCANL) / VVCC,
Split Termination, RL = 2 x 30,
CSplit = 4.7 nF (Note 3)
Bus Differential Output
Voltage
VDiff
1.5
—
3
V
VTXD = 0V, t < tto(dom)TXD
RL = 45Ω to 65Ω
1.5
—
3.3
V
RL = 70Ω (Note 3)
1.5
—
5
V
RL = 2240Ω (Note 3)
–50
—
+50
mV
Normal and Silent mode:
VVCC = 4.75V to 5.25V
VTXD = VVIO, recessive, no load
–200
—
+200
mV
Standby mode:
VVCC = 4.75V to 5.25V
VTXD = VVIO, recessive, no load
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: The values below are valid for each of the two identical integrated CAN transceivers.
Grade 1: Tamb = -40°C to +125°C and Grade 0: Tamb = -40°C to +150°C; TvJ  170°C; VVCC = 4.5V to 5.5V; RL = 60Ω,
CL = 100 pF unless specified otherwise; all voltages are defined in relation to ground; positive currents flow into the IC.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1: 100% correlation tested
2: Characterized on samples
3: Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com