Electronic Components Datasheet Search
  English  ▼

X  

ATA6563 Datasheet(PDF) 10 Page - Microchip Technology

Part # ATA6563
Description  High-Speed CAN Transceiver with Standby Mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA6563 Datasheet(HTML) 10 Page - Microchip Technology

Back Button ATA6563 Datasheet HTML 6Page - Microchip Technology ATA6563 Datasheet HTML 7Page - Microchip Technology ATA6563 Datasheet HTML 8Page - Microchip Technology ATA6563 Datasheet HTML 9Page - Microchip Technology ATA6563 Datasheet HTML 10Page - Microchip Technology ATA6563 Datasheet HTML 11Page - Microchip Technology ATA6563 Datasheet HTML 12Page - Microchip Technology ATA6563 Datasheet HTML 13Page - Microchip Technology ATA6563 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ATA6562/3
DS20005790E-page 10
2017-2021 Microchip Technology Inc. and its subsidiaries
1.4
Typical Application
Typical Application ATA6562
Typical Application ATA6563
Note: For VDFN8 package: EP (heatslug) must always be connected to GND.
Microcontroller
ATA6562
VDD
GND
GND
1
2
3
4
NSIL
STBY
87
6
5
TXD
RXD
CANH
CANL
CANH
CANL
BAT
VCC
100 nF
22 µF
(1)
5V
12V
+
GND
(1) The size of this capacitor depends on the used external voltage regulator
Note: For VDFN8 package: EP (heatslug) must always be connected to GND.
Microcontroller
ATA6563
VDD
GND
GND
1
2
3
4
7
6
5
TXD
RXD
CANH
CANL
CANH
CANL
BAT
VCC
100 nF
22 µF
(1)
3.3V
12V
+
GND
(1) The size of this capacitor depends on the used external voltage regulator
STBY
8
VIO
100 nF
5V
12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com