Electronic Components Datasheet Search
  English  ▼

X  

ATA6563 Datasheet(PDF) 16 Page - Microchip Technology

Part # ATA6563
Description  High-Speed CAN Transceiver with Standby Mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA6563 Datasheet(HTML) 16 Page - Microchip Technology

Back Button ATA6563 Datasheet HTML 12Page - Microchip Technology ATA6563 Datasheet HTML 13Page - Microchip Technology ATA6563 Datasheet HTML 14Page - Microchip Technology ATA6563 Datasheet HTML 15Page - Microchip Technology ATA6563 Datasheet HTML 16Page - Microchip Technology ATA6563 Datasheet HTML 17Page - Microchip Technology ATA6563 Datasheet HTML 18Page - Microchip Technology ATA6563 Datasheet HTML 19Page - Microchip Technology ATA6563 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ATA6562/3
DS20005790E-page 16
2017-2021 Microchip Technology Inc. and its subsidiaries
FIGURE 2-1:
TIMING TEST CIRCUIT FOR THE ATA6562/3 CAN TRANSCEIVER
FIGURE 2-2:
CAN TRANSCEIVER TIMING DIAGRAM 1
TXD
CANH
HIGH
LOW
HIGH
recessive
LOW
dominant
0.9V
0.5V
CANL
RXD
VDiff
td(TXD-busdom)
td(TXD-busrec)
td(busdom-RXD)
tPD(TXD-RXD)
tPD(TXD-RXD)
td(busrec-RXD)
0.7 VIO
0.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com