Electronic Components Datasheet Search
  English  ▼

X  

ATA6563 Datasheet(PDF) 7 Page - Microchip Technology

Part # ATA6563
Description  High-Speed CAN Transceiver with Standby Mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA6563 Datasheet(HTML) 7 Page - Microchip Technology

Back Button ATA6563 Datasheet HTML 3Page - Microchip Technology ATA6563 Datasheet HTML 4Page - Microchip Technology ATA6563 Datasheet HTML 5Page - Microchip Technology ATA6563 Datasheet HTML 6Page - Microchip Technology ATA6563 Datasheet HTML 7Page - Microchip Technology ATA6563 Datasheet HTML 8Page - Microchip Technology ATA6563 Datasheet HTML 9Page - Microchip Technology ATA6563 Datasheet HTML 10Page - Microchip Technology ATA6563 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
2017-2021 Microchip Technology Inc. and its subsidiaries
DS20005790E-page 7
ATA6562/3
1.2
Fail-safe Features
1.2.1
TXD DOMINANT TIME-OUT
FUNCTION
A TXD dominant time-out timer is started when the
TXD pin is set to low. If the low state on the TXD pin
persists for longer than tto(dom)TXD, the transmitter is
disabled, releasing the bus lines to recessive state.
This function prevents a hardware and/or software
application failure from driving the bus lines to a
permanent dominant state (blocking all network
communications). The TXD dominant time-out timer is
reset when the TXD pin is set to high. If the low state on
the TXD pin was longer than tto(dom)TXD, then the TXD
pin has to be set to high longer 4 µs in order to reset the
TXD dominant time-out timer.
1.2.2
INTERNAL PULL-UP STRUCTURE
AT THE TXD AND STBY INPUT PINS
The TXD and STBY pins have an internal pull-up
resistor to VIO. This ensures a safe, defined state in
case one or both pins are left floating. Pull-up currents
flow in these pins in all states, meaning all pins should
be in high state during Standby mode to minimize the
current consumption.
1.2.3
UNDERVOLTAGE DETECTION ON
PIN VCC
If VVCC or VVIO drops below its undervoltage detection
levels (Vuvd(VCC) and Vuvd(VIO))(see Section 2.0,
Electrical Characteristics), the transceiver switches off
and disengages from the bus until VVCC and VVIO has
recovered. The low-power wake-up comparator is only
switched off during a VCC and VIO undervoltage. The
logic state of the STBY pin is ignored until the VVCC
voltage or VVIO voltage has recovered.
1.2.4
BUS WAKE UP ONLY AT
DEDICATED WAKE-UP PATTERN
Due to the implementation of the wake-up filtering the
ATA6562/3 does not wake-up when the bus is in a long
dominant phase, it only wakes up at a dedicated
wake-up pattern as specified in the ISO 11898-2: 2016.
This means for a valid wake-up at least two
consecutive dominant bus levels for a duration of at
least tFilter, each separated by a recessive bus level
with a duration of at least tFilter must be received via the
bus. Dominant or recessive bus levels shorter than
tFilter are always being ignored. The complete
dominant-recessive-dominant pattern as shown in
Figure 1-4, must be received within the bus wake-up
time-out time tWake to be recognized as a valid wake-up
pattern. This filtering leads to a higher robustness
against EMI and transients and reduces therefore the
risk of an unwanted bus wake- up significantly.
1.2.5
OVERTEMPERATURE
PROTECTION
The
output
drivers
are
protected
against
overtemperature conditions. If the junction temperature
exceeds the shutdown junction temperature, TJsd, the
output drivers are disabled until the junction
temperature drops below TJsd and pin TXD is at high
level again. The TXD condition ensures that output
driver oscillations due to temperature drift are avoided.
See Figure 1-5.
1.2.6
SHORT-CIRCUIT PROTECTION OF
THE BUS PINS
The CANH and CANL bus outputs are short-circuit
protected, either against GND or a positive supply
voltage. A current-limiting circuit protects the
transceiver against damage. If the device is heating up
due to a continuous short on CANH or CANL, the
internal overtemperature protection switches off the
bus transmitter.
1.2.7
RXD RECESSIVE CLAMPING
This fail-safe feature prevents the controller from
sending data on the bus if its RXD line is clamped to
HIGH (e.g., recessive). That is, if the RXD pin cannot
signalize a dominant bus condition because it is e.g,
shorted to VCC, the transmitter within ATA6562/3 is
disabled to avoid possible data collisions on the bus. In
Normal and Silent mode (only ATA6562), the device
permanently compares the state of the high-speed
comparator (HSC) with the state of the RXD pin. If the
HSC indicates a dominant bus state for more than
tRC_det without the RXD pin doing the same, a
recessive clamping situation is detected and the
transceiver is forced into Silent mode. This Fail-safe
mode is released by either entering Standby or
Unpowered mode or if the RXD pin is showing a
dominant (e.g., low) level again. See Figure 1-6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com