Electronic Components Datasheet Search
  English  ▼

X  

ATA6563 Datasheet(PDF) 1 Page - Microchip Technology

Part # ATA6563
Description  High-Speed CAN Transceiver with Standby Mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA6563 Datasheet(HTML) 1 Page - Microchip Technology

  ATA6563 Datasheet HTML 1Page - Microchip Technology ATA6563 Datasheet HTML 2Page - Microchip Technology ATA6563 Datasheet HTML 3Page - Microchip Technology ATA6563 Datasheet HTML 4Page - Microchip Technology ATA6563 Datasheet HTML 5Page - Microchip Technology ATA6563 Datasheet HTML 6Page - Microchip Technology ATA6563 Datasheet HTML 7Page - Microchip Technology ATA6563 Datasheet HTML 8Page - Microchip Technology ATA6563 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
2017-2021 Microchip Technology Inc. and its subsidiaries
DS20005790E-page 1
ATA6562/3
Features
• Fully ISO 11898-2, ISO 11898-2: 2016 and
SAE J2962-2 Compliant
• CAN FD Ready
• Communication Speed up to 5 Mbps
• ISO 26262 Functional Safety Ready
• Low Electromagnetic Emission (EME) and High
Electromagnetic Immunity (EMI)
• Differential Receiver with Wide Common-Mode
Range
• ATA6562: Silent Mode
• Remote Wake-Up Capability via CAN Bus -
Wake-Up on Pattern (WUP), as Specified in
ISO 11898-2: 2016, 3.8 µs Activity Filter Time
• Functional Behavior Predictable under All Supply
Conditions
• Transceiver Disengages from the Bus When Not
Powered Up
• RXD Recessive Clamping Detection
• High Electrostatic Discharge (ESD) Handling
Capability on the Bus Pins
• Bus Pins Protected Against Transients in
Automotive Environments
• Transmit Data (TXD) Dominant Time-Out
Function
• Undervoltage Detection on VCC and VIO Pins
• CANH/CANL Short-Circuit and Overtemperature
Protected
• Fulfills the OEM “Hardware Requirements for LIN,
CAN and FlexRay Interfaces in Automotive Appli-
cations”, Rev. 1.3
• AEC-Q100 and AEC-Q006 Qualified
• Two Ambient Temperature Grades Available:
- ATA6562-GAQW1, ATA6563-GAQW1,
ATA6562-GBQW1 and ATA6563-GBQW1 up
to Tamb = +125°C
- ATA6562-GAQW0, ATA6563-GAQW0,
ATA6562-GBQW0 and ATA6563-GBQW0 up
to Tamb = +150°C
• Packages: 8-pin SOIC, 8-pin VDFN with Wettable
Flanks (Moisture Sensitivity Level 1)
Applications
Classical CAN and CAN FD networks in Automotive,
Industrial, Aerospace, Medical and Consumer
applications.
General Description
The ATA6562/3 is a high-speed CAN transceiver that
provides an interface between a Controller Area Net-
work (CAN) protocol controller and the physical
Two-Wire CAN bus. The transceiver is designed for
high-speed (up to 5 Mbps) CAN applications in the
automotive industry, providing differential transmit and
receive capability to (a microcontroller with) a CAN pro-
tocol controller.
It offers improved electromagnetic compatibility (EMC)
and ESD performance as well as features such as:
• Ideal passive behavior to the CAN bus when the
supply voltage is off
• Direct interfacing to microcontrollers with supply
voltages from 3V to 5V (ATA6563)
Three operating modes together with the dedicated
fail-safe features make the ATA6562/3 an excellent
choice for all types of high-speed CAN networks, espe-
cially in nodes requiring Low-Power mode with
wake-up capability via the CAN bus.
Package Types
*Includes Exposed Thermal Pad (EP); see Table 1-2.
ATA6563
3 x 3 VDFN* with
wettable flanks
ATA6562
SOIC
VCC
GND
RXD
CANH
CANL
1
2
3
4
8
7
6
5 NSIL
STBY
TXD
ATA6563
SOIC
VCC
GND
RXD
CANH
CANL
1
2
3
4
8
7
6
5 VIO
STBY
TXD
ATA6562
3 x 3 VDFN* with
wettable flanks
VCC
GND
RXD
CANH
CANL
NSIL
STBY
TXD
1
2
3
4
8
7
6
5
VCC
GND
RXD
CANH
CANL
VIO
STBY
TXD
1
2
3
4
8
7
6
5
High-Speed CAN Transceiver with Standby Mode


Similar Part No. - ATA6563

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6560 ATMEL-ATA6560 Datasheet
890Kb / 19P
High-speed CAN Transceiver with Standby Mode CAN FD Ready
logo
Microchip Technology
ATA6560 MICROCHIP-ATA6560 Datasheet
991Kb / 28P
High-Speed CAN Transceiver with Standby Mode CAN FD Ready
2018
ATA6560-GAQW MICROCHIP-ATA6560-GAQW Datasheet
991Kb / 28P
High-Speed CAN Transceiver with Standby Mode CAN FD Ready
2018
ATA6560-GAQW-N MICROCHIP-ATA6560-GAQW-N Datasheet
991Kb / 28P
High-Speed CAN Transceiver with Standby Mode CAN FD Ready
2018
ATA6560-GBQW MICROCHIP-ATA6560-GBQW Datasheet
991Kb / 28P
High-Speed CAN Transceiver with Standby Mode CAN FD Ready
2018
More results

Similar Description - ATA6563

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1042 NXP-TJA1042 Datasheet
122Kb / 20P
High-speed CAN transceiver with Standby mode
Rev. 02-8 July 2009
TJA1042T PHILIPS-TJA1042T Datasheet
149Kb / 22P
High-speed CAN transceiver with Standby mode
Rev. 7-8 May 2012
logo
ATMEL Corporation
ATA6561 ATMEL-ATA6561_14 Datasheet
939Kb / 17P
High-speed CAN Transceiver with Standby Mode CAN FD Ready
logo
NXP Semiconductors
TJA1048 NXP-TJA1048 Datasheet
271Kb / 27P
Dual high-speed CAN transceiver with Standby mode
Rev. 6-19 March 2018
logo
ATMEL Corporation
ATA6560 ATMEL-ATA6560 Datasheet
890Kb / 19P
High-speed CAN Transceiver with Standby Mode CAN FD Ready
logo
NXP Semiconductors
TJA1044 NXP-TJA1044 Datasheet
237Kb / 27P
High-speed CAN transceiver with Standby mode
Rev. 6-24 August 2017
TJR1442 NXP-TJR1442 Datasheet
358Kb / 30P
High-speed CAN transceiver with Standby mode
TJR1448 NXP-TJR1448 Datasheet
384Kb / 37P
Dual high-speed CAN transceiver with Standby mode
TJA1442 NXP-TJA1442 Datasheet
356Kb / 30P
High-speed CAN transceiver with Standby mode
Rev. 1-12 August 2020
TJA1448 NXP-TJA1448 Datasheet
390Kb / 38P
Dual high-speed CAN transceiver with Standby mode
Rev. 1-12 August 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com