Electronic Components Datasheet Search
  English  ▼

X  

LTC7883 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC7883
Description  Quad Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7883 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC7883 Datasheet HTML 4Page - Analog Devices LTC7883 Datasheet HTML 5Page - Analog Devices LTC7883 Datasheet HTML 6Page - Analog Devices LTC7883 Datasheet HTML 7Page - Analog Devices LTC7883 Datasheet HTML 8Page - Analog Devices LTC7883 Datasheet HTML 9Page - Analog Devices LTC7883 Datasheet HTML 10Page - Analog Devices LTC7883 Datasheet HTML 11Page - Analog Devices LTC7883 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LTC7883
8
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency and Power Loss vs
Input Voltage
(1-Phase Using LTC4449)
3-Phase Transient Response
(Using D12S1R860A Power Block)
1-Phase Single Cycle Response
(Using D12S1R860A Power Block
with COUT = 6 × 100µF X5R 1210)
3+1 Channel Crosstalk
(Using D12S1R845A Power
Blocks)
Load Step Transient Response
Using AVP
Line Step Transient Response
(1-Phase Using LTC4449)
VIN (V)
5
100
98
96
94
92
90
88
86
84
82
80
3.0
2.0
1.0
2.5
1.5
0.5
0
20
10
25
15
7883 G13
30
VO = 1.8V
POWER FET: BSC050N04LS G
SYNC FET: BSC010N04LS
VOUT0
(1-PHASE)
20mV/DIV
VOUT1
(3-PHASE)
20mV/DIV
IOUT1
10A/DIV
100µs/DIV
7883 G16
25%
LOAD STEP
VOUT
50mV/DIV
IO
10A/DIV
200µs/DIV
7883 G17
VOUT
10mV/DIV
VIN
2V/DIV
7V
1.8V
200µs/DIV
7883 G18
100µs/DIV
VOUT
(10mV/DIV)
IOUT
(10A/DIV)
7883 G14
VOUT = 0.9V/90A
VIN = 12V
SYNC = 500kHz
L = 210nH
25mVP-P
2µs/DIV
IOUT
(10A/DIV)
VSW
(10V/DIV)
VOUT
(20mV/DIV)
7883 G15
VOUT = 1V/25A
VIN = 12V
SYNC = 1MHz
L = 210nH
3-Phase DC Output Current
Sharing (Using D12S1R845A
Power Block
Load Step Transient Current
Sharing (Using FDMF6707B
DrMOS)
Load Dump Transient Current
Sharing (Using FDMF6707B
DrMOS)
TOTAL RAIL CURRENT (A)
0
20
2
18
14
10
6
16
12
8
4
0
60
70
7883 G10
80
50
20
40
10
30
CHANNEL 1
CHANNEL 2
CHANNEL 3
IL1, IL2
10A/DIV
VOUT
20mV/DIV
IOUT
20A/DIV
5µs/DIV
VOUT = 1V
VIN = 12V
SYNC = 500kHz
L = 320nH
7883 G11
IL1, IL2
10A/DIV
VOUT
20mV/DIV
IOUT
20A/DIV
5µs/DIV
VOUT = 1V
VIN = 12V
SYNC = 500kHz
L = 320nH
7883 G12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com