Electronic Components Datasheet Search
  English  ▼

X  

LTC7883 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC7883
Description  Quad Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7883 Datasheet(HTML) 1 Page - Analog Devices

  LTC7883 Datasheet HTML 1Page - Analog Devices LTC7883 Datasheet HTML 2Page - Analog Devices LTC7883 Datasheet HTML 3Page - Analog Devices LTC7883 Datasheet HTML 4Page - Analog Devices LTC7883 Datasheet HTML 5Page - Analog Devices LTC7883 Datasheet HTML 6Page - Analog Devices LTC7883 Datasheet HTML 7Page - Analog Devices LTC7883 Datasheet HTML 8Page - Analog Devices LTC7883 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTC7883
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Quad Output PolyPhase
Step-Down DC/DC Voltage Mode Controller
with Digital Power System Management
APPLICATIONS
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patents, including 5396245, 5859606, 6144194, 6937178, 7420359 and 7000125.
Load Step Transient Current Sharing
(Using FDMF5820DC DrMOS)
The LTC®7883 is a quad, PolyPhase DC/DC synchronous
step-down switching regulator controller with PMBus
compliant serial interface. It uses a constant frequency,
leading-edge modulation, voltage mode architecture for
excellent transient response and output regulation. Each
PWM channel can produce output voltages from 0.1V
to 5.25V using a wide range of 3.3V compatible power
stages, including power blocks, DrMOS or discrete FET
drivers. LTC7883 devices can operate in parallel, sup-
porting ideal phasor positioning for PolyPhase rails up
to 8-phases.
System configuration and monitoring is supported by the
LTpowerPlay® software tool. The LTC7883 serial interfaces
can read back input voltage, output voltage and current,
temperature and fault status. Most operating parameters
can be set via the digital interfaces or stored in internal
EEPROM for use at power-up. Switching frequency and
phase, output voltage and device address can also be set
using external configuration resistors.
n
PMBus/I2C Compliant Serial Interface
n
Monitor Voltage, Current, Temperature and Faults
n
Program Voltage, Soft-Start/Stop, Sequencing,
Margining, AVP and UV/OV/OC Limits
n
3V ≤ VINSNS ≤ 38V, 0.1V (Limited by DrMOS
tON_MIN) ≤ VOUT ≤ 5.25V
n
±0.5% Output Voltage Error
n
Programmable PWM Frequency or External Clock
Synchronization from 250kHz to 2.5MHz
n
Accurate PolyPhase® Current Sharing
n
Internal EEPROM with Fault Logging and ECC
n
IC Supply Range: 3V to 13.2V
n
Resistor or Inductor DCR Current Sensing
n
Power Good Output Voltage Monitor
n
Supports Start-Up Into a Prebiased Load
n
Optional Resistor Programming for Key Parameters
n
99-Lead BGA Package (9mm × 7.5mm)
n
High Current Distributed Power Systems
n
Servers, Network and Storage Equipment
n
Intelligent Energy Efficient Power Regulation
50µs/DIV
IOUT
10A/DIV
IL0, IL1
10A/DIV
7883 TA01b
1/2 LTC7883
SDA_A
RUNA1
CSA0P
CSA0M
VSNSA0P
VSNSA0M
VSNSA1M
RUNA0
FLT1A1
FLTA0
FBA0
COMPA0
TSNSA0
TSNSA1
GND
7883 TA01a
IAVGNDA
PWMA0
VSNSA1P
CSA1M
CSA1P
PWMA1
VIN
7V TO 13.2V
TO/FROM
MCU
SCL_A
ALERTA
COMPA1
VCCA VINSA
FDMF5820DC
FDMF5820DC
INDUCTORS: COOPER FP1007R1-R22
SOME DETAILS OMITTED FOR CLARITY
PWM
VIN
VOUT
1V
100A
SW
GND
IAVGA1
IAVGA0
TO/FROM
EXTERNAL DEVICES
PGA1
SYNCA
CLKA
PGA0
PWM
VIN
SW
GND
L1
L0


Similar Part No. - LTC7883

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC7880 AD-LTC7880 Datasheet
6Mb / 114P
2-Channel 짹60V Power System Manager
LTC7880 AD-LTC7880 Datasheet
2Mb / 116P
60V Dual Output Step-Up Controller with Digital Power System Management
LTC7880EUKG#PBF AD-LTC7880EUKG#PBF Datasheet
2Mb / 116P
60V Dual Output Step-Up Controller with Digital Power System Management
LTC7880EUKG#TRPBF AD-LTC7880EUKG#TRPBF Datasheet
2Mb / 116P
60V Dual Output Step-Up Controller with Digital Power System Management
LTC7880IUKG#PBF AD-LTC7880IUKG#PBF Datasheet
2Mb / 116P
60V Dual Output Step-Up Controller with Digital Power System Management
More results

Similar Description - LTC7883

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3883 LINER-LTC3883 Datasheet
1Mb / 112P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3880 LINER-LTC3880_15 Datasheet
1Mb / 116P
Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3880-1 LINER-LTC3880-1_15 Datasheet
1Mb / 116P
Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3882 LINER-LTC3882_15 Datasheet
1Mb / 104P
Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
LTC3883 LINER-LTC3883_15 Datasheet
1Mb / 112P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3886IUKG LINER-LTC3886IUKG Datasheet
3Mb / 26P
60V Dual Output Step-Down DC/DC Controller with Digital Power System Management
LTC3887EUJ LINER-LTC3887EUJ Datasheet
1Mb / 14P
Step-Down DC/DC Controller with Digital Power System Management
LTC3887EUJ-1 LINER-LTC3887EUJ-1 Datasheet
699Kb / 12P
Dual Output PolyPhase Step-Down DC/DC Converter with Digital Power System Management
LTC3882-1 LINER-LTC3882-1 Datasheet
823Kb / 108P
Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
logo
Analog Devices
LTC3883 AD-LTC3883 Datasheet
1Mb / 116P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
09/19-REV.F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com