Electronic Components Datasheet Search
  English  ▼

X  

LTC7883 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC7883
Description  Quad Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7883 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC7883 Datasheet HTML 12Page - Analog Devices LTC7883 Datasheet HTML 13Page - Analog Devices LTC7883 Datasheet HTML 14Page - Analog Devices LTC7883 Datasheet HTML 15Page - Analog Devices LTC7883 Datasheet HTML 16Page - Analog Devices LTC7883 Datasheet HTML 17Page - Analog Devices LTC7883 Datasheet HTML 18Page - Analog Devices LTC7883 Datasheet HTML 19Page - Analog Devices LTC7883 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LTC7883
16
Rev. 0
For more information www.analog.com
OPERATION
Overview
The LTC7883 is a quad channel constant frequency
analog voltage mode controller for DC/DC step-down
applications. It features PMBus compliant digital inter-
faces for monitoring and control of important power sys-
tem parameters. The IC operates from power supplies
between 3V and 13.2V and is intended for conversion
from VIN between 3V and 38V to output voltages between
0.1V and 5.25V. It is designed to be used in a switching
architecture with external FET drivers, including higher
level integrations such as non-isolated power blocks.
Major features include:
• Digitally Programmable Output Voltage, Current Limit
and Related Supervisors
• Digitally Programmable Input Voltage Supervisor
• Digitally Programmable Switching Frequency with PLL
for Synchronous PolyPhase Operation Up to 8 Phases
• Digitally Programmable On and Off Delay Times
• Digitally Programmable Soft-Start/Stop
• Operating Condition Telemetry
• Fully Differential Load Sense
• Nonvolatile Configuration Memory with ECC Capable
of Standalone Operation
• Optional External Resistor Configuration of Key
Operating Parameters
• Optional Time-Base Interconnect for Synchronization
Between Multiple Controllers
• Warning and Fault Status with Fault Event Data Logging
• PMBus Revision 1.2 Compliant Interface Up to 400kHz
Internal Structure
The LTC7883 is comprised of two dual-channel units,
each equivalent to an LTC3882-1 with the added feature
of a hardware PMBus write protect for each unit.
Refer to the LTC3882-1 data sheet for a detailed descrip-
tion of operation, PMBus command set, and applications
information for each unit.
Refer to the LTC3888 data sheet for additional details on
operation of the WP pins and their interaction with the
PMBus WRITE_PROTECT command on each unit.
Unique Special ID
Each internal unit of the LTC7883 reports a unique MFR_
SPECIAL_ID to differentiate it from an LTC3882-1. Table 1
lists MFR_SPECIAL_ID values for these products. X is
adjustable by the manufacturer.
Table 1. MFR_SPECIAL_ID Values
DEVICE
MFR_SPECIAL_ID
MFR_MODEL
LTC3882-1
0x424X
LTC3882-1
LTC7883 Unit A
0x450X
LTC7883A
LTC7883 Unit B
0x451X
LTC7883B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com