Electronic Components Datasheet Search
  English  ▼

X  

LTC7883 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC7883
Description  Quad Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7883 Datasheet(HTML) 2 Page - Analog Devices

  LTC7883 Datasheet HTML 1Page - Analog Devices LTC7883 Datasheet HTML 2Page - Analog Devices LTC7883 Datasheet HTML 3Page - Analog Devices LTC7883 Datasheet HTML 4Page - Analog Devices LTC7883 Datasheet HTML 5Page - Analog Devices LTC7883 Datasheet HTML 6Page - Analog Devices LTC7883 Datasheet HTML 7Page - Analog Devices LTC7883 Datasheet HTML 8Page - Analog Devices LTC7883 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTC7883
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
(Note 1)
TOP VIEW
1
2
3
4
5
6
7
8
9
10 11
A
B
C
D
E
F
G
H
J
BGA PACKAGE
99-LEAD (9mm × 7.5mm × 1.29mm)
TJMAX = 125°C, θJA = 32°C/W,
θJCtop = 17°C/W, θJCbottom = 12.1°C/W, θJB = 14.5°C/W,
WEIGHT = TBDg,
θ VALUES DETERMINED PER JEDEC 51-9, 51-12
PIN 1
ORDER INFORMATION
VCC[A/B] Supply.......................................... –0.3V to 15V
VINS[A/B] .................................................. –0.3V to 40V
VSNS[A/B][1:0]M.............................................. –0.3V to 1V
VSNS[A/B][1:0]P, CS[A/B][1:0]P/M................... –0.3V to 6V
FB[A/B][1:0], COMP[A/B][1:0],
TSNS[A/B][1:0], IAVGND[A/B],
IAVG[A/B][1:0] ...................................... –0.3V to 3.6V
SYNC[A/B], FLT[A/B][1:0], WP[A/B],
PG[A/B][1:0], SHCLK[A/B].................... –0.3V to 3.6V
SCL[A/B], SDA[A/B], RUN[A/B][1:0],
ALERT[A/B]............................................ –0.3V to 5.5V
ASEL0[A/B], ASEL1[A/B],
VO[A/B][1:0]CFG, FCFG[A/B],
PCFG[A/B] .......................................... –0.3V to 2.75V
PWM[A/B][1:0], VDD25[A/B] .............................. (Note 13)
VDD33[A/B] ........................................................ (Note 14)
Operating Junction Temperature
(Notes 2, 3)...................................... –40°C to 125°C*
Storage Temperature Range ............ –65°C to 150°C*
Absolute Maximum Junction Temperature ....... 125°C
*See Derating EEPROM Retention at Temperature in the
Applications Information section for junction tempera-
tures in excess of 125°C.
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
OPERATING JUNCTION
TEMPERATURE RANGE
DEVICE
FINISH CODE
LTC7883AY#PBF
SAC305 (RoHS)
LTC7883Y
e1
BGA
3
–40°C to 125°C
• Contact the factory for parts specified with wider operating temperature
ranges. *The temperature grade is identified by a label on the shipping
container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com